| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
48ASSP2S2M2RAT bảng dữ liệu(PDF) 3 Page - Grayhill, Inc |
|
|
|||||||||||||||||||||||||||||
48ASSP2S2M2RAT bảng dữ liệu(HTML) 3 Page - Grayhill, Inc |
|
3 / 3 page ![]() Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com 1 2 3 4 5 6 EPOXY SEAL .186 (4.72) .152 (3.86) .014 (0.36) .500 (12.70) .030 (0.76) .150 (3.81) .106 (2.69) .500 (12.70) .175 (4.45) .046 (1.17) .450 (6.60) .175 (4.45) .150 (3.81) Ø.073 (Ø1.85) .150 (4.83) .106 (2.69) .500 (12.70) .190 (4.83) 12 3 45 6 .350 (8.90) .181 (4.60) .314 (8.00) .152 (3.86) .046 (1.17) .125 (3.18) .152 (3.86) .620 (15.75) .014 (0.36) .185 (4.70) .030 (0.76) .186 (4.72) .620 (15.75) .185 (4.70) .125 (3.18) Ø.073 (Ø1.85) .400 (10.16) .314 (8.00) .152 (3.86) .046 (1.17) .125 (3.18) .152 (3.86) .620 (15.75) .014 (0.36) .185 (4.70) .030 (0.76) .186 (4.72) .620 (15.75) .185 (4.70) .125 (3.18) Ø.073 (Ø1.85) .184 (4.67) .190 (4.83) .492 (12.50) TERMINATION OPTIONS In inches (and millimeters) V2 Vertical Bracket P.C. Mount SPECIFICATIONS RATINGS Contact Rating: Q option - 5A with resistive load @ 125 VAC or 28 VDC; 2A with resistive load @ 250 VAC. R option - 0.4 VA max @ 20 Vmax (AC or DC) Electrical Life: 30,000 cycles at full load Contact Resistance: 10 milliohms max. initial @ 2-4 VDC, 100 mA Insulation Resistance: 1,000 megaohms minimum Dielectic Strength: 1,000 V RMS @ sea level Operating Temperature: -30°C to 85°C MATERIALS Case: Diallyl phthalate (DAP) (UL94V-0) Housing: Stainless steel Slide Handle: Nylon Terminal/Contacts: Copper alloy with gold over silver plate. Terminal Seal: Epoxy ORDERING INFORMATION Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local Distributor or Grayhill. Series 48A: Slide Switches DPDT SPDT DPDT 48ASSP1S2M6RBT RoHS Compliant Mounting Options: A = Mounting Tabs, B= No Mounitng Tabs Contacts: R = Copper alloy, gold plate over nickel plate, Q = Copper alloy, silver plate Termination Options: M1, M2, M3, M6, V2 (See Termination options.) Actuator Options: S1, S2, S3, S4, S5, S6, S7, T1 (See Actuator options.) Model: SPDT: SSP1, SSP2, SSP3 DPDT: SDP1, SDP3 Series 48A Slide Switches Slide 6 |