| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
47CMSP2R2M2RT bảng dữ liệu(PDF) 3 Page - Grayhill, Inc |
|
|
|||||||||||||||||||||||||||||
47CMSP2R2M2RT bảng dữ liệu(HTML) 3 Page - Grayhill, Inc |
|
3 / 3 page ![]() Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com V3 Vertical Bracket P.C. Mount P.C. MOUNTING P.C. MOUNTING 1 2 3 4 5 6 .200 (5.08) .030 (0.76) .130 (3.30) .352 (8.94) .400 (10.16) EPOXY SEAL .020 (0.51) .100 (2.54) .016 (0.41) .400 (10.16) .100 (2.54) Ø.043 (Ø0.19) .200 (5.08) .400 (10.16) .200 (5.08) Ø.043 (Ø1.09) .304 (7.72) .417 (10.59) .300 (7.62) .300 (7.62) .100 (2.54) .200 (5.08) .030 (0.76) .130 (3.30) .352 (8.94) .400 (10.16) EPOXY SEAL .020 (0.51) .100 (2.54) .016 (0.4) .304 (7.72) .417 (10.59) .360 (9.14) TERMINATION OPTIONS In inches (and millimeters) V2 Vertical Bracket P.C. Mount SPECIFICATIONS RATINGS Contact Rating: Q option - 3A with resistive load @ 125 VAC or 28 VDC; 1.5A with resistive load @ 250 VAC. R option - 0.4 VA max @ 20 Vmax (AC or DC) Electrical Life: 30,000 make-and-break cycles at full load Contact Resistance: 20 milliohms max. initial @ 2-4 VDC, 100 mA Insulation Resistance: 1,000 megaohms minimum Dielectic Strength: 1,000 V RMS @ sea level Operating Temperature: -30°C to 85°C UL Recognition: File number is E35289 MATERIALS Case: Diallyl phthalate (DAP) (UL94V-0) Rocker: Nylon Bushing: Brass, nickel plated Housing: Stainless steel Switch Support: Brass, electrotin plated Terminal/Contacts: Copper alloy with silver or gold plating Terminal Seal: Epoxy ORDERING INFORMATION Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local Distributor or Grayhill. Series 47C: Sub-Miniature Rocker Switches SPDT DPDT 47CMSP1R2M6RT RoHS Compliant Type of Contact: R = Copper alloy, gold plate over nickel plate Q = Copper alloy, silver plated Termination Options: M1, M2, M6, M7, V2, V3 (See Termination options.) Actuator Options: R1, R2 (See Actuator options.) Model: SPDT: MSP1, MSP2, MSP3, MSP4, MSP5 DPDT: MDP1, MDP2, MDP3, MDP4, MDP4 (See Model for options.) Series 47C Sub-Miniature Rocker Switches Rocker 17 |