công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2985-N bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP2985-N
Giải thích chi tiết về linh kiện  LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LP2985-N bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button LP2985-N Datasheet HTML 13Page - Texas Instruments LP2985-N Datasheet HTML 14Page - Texas Instruments LP2985-N Datasheet HTML 15Page - Texas Instruments LP2985-N Datasheet HTML 16Page - Texas Instruments LP2985-N Datasheet HTML 17Page - Texas Instruments LP2985-N Datasheet HTML 18Page - Texas Instruments LP2985-N Datasheet HTML 19Page - Texas Instruments LP2985-N Datasheet HTML 20Page - Texas Instruments LP2985-N Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP2985AITL-3.3/NOPB
ACTIVE
DSBGA
YZR
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985AITLX-3.3/NOPB
ACTIVE
DSBGA
YZR
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985AITP-2.6/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985AITP-2.7/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985AITP-2.8/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985AITP-2.9/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985AITP-3.0/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985AITP-3.3/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985AITP-5.0/NOPB
ACTIVE
DSBGA
YPB
5
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985AITPX-2.5/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985AITPX-2.6/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985AITPX-2.7/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985AITPX-2.8/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985AITPX-2.9/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985AITPX-3.0/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 125
5
LP2985AITPX-3.3/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985AITPX-5.0/NOPB
ACTIVE
DSBGA
YPB
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
5
LP2985IM5-2.5
NRND
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LAUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33