| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AFP52A8 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AFP52A8 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 114 page ![]() Pinouts and pin description STM8AF52/62xx, STM8AF51/61xx 36/114 DocID14395 Rev 10 36 ---- PH5/ TIM1_CH3N I/O X X— — O1 X X Port H5 Timer 1 - inverted channel 3 — 37 ---- PH6/ TIM1_CH2N I/O X X— — O1 X X Port H6 Timer 1 - inverted channel 2 — 38 ---- PH7/ TIM1_CH1N I/O X X— — O1 X X Port H7 Timer 1 - inverted channel 2 — 39 31 23 - - PE7/AIN8 I/O X X— — O1 X X Port E7 Analog input 8 — 40 32 24 PE6/AIN9 I/O X XX — O1 X X Port E6 Analog input 9 — 41 33 25 17 17 PE5/SPI_NSS(2) I/O X XX — O1 X X Port E5 SPI master/ slave select — 42 - - - - PC0/ADC_ETR I/O X XX — O1 X X Port C0 ADC trigger input — 43 34 26 18 18 PC1/TIM1_CH1 I/O X X X HS O3 X X Port C1 Timer 1 - channel 1 — 44 35 27 19 19 PC2/TIM1_CH2 I/O X X X HS O3 X X Port C2 Timer 1- channel 2 — 45 36 28 20 20 PC3/TIM1_CH3 I/O X X X HS O3 X X Port C3 Timer 1 - channel 3 — 46 37 29 21 21 PC4/TIM1_CH4 I/O X X X HS O3 X X Port C4 Timer 1 - channel 4 — 47 38 30 22 22 PC5/SPI_SCK(2) I/O X XX — O3 X X Port C5 SPI clock — 48 39 31 - - VSSIO_2 S — — — — — — — I/O ground — 49 40 32 - - VDDIO_2 S — — — — — — — I/O power supply — Table 13. STM8A microcontroller family pin description (continued) Pin number Pin name Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |