công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HPQF bảng dữ liệu(PDF) 1 Page - EUROQUARTZ limited

tên linh kiện HPQF
Giải thích chi tiết về linh kiện  Specification Low Jitter Oscillators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EUROQUARTZ [EUROQUARTZ limited]
Trang chủ  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HPQF bảng dữ liệu(HTML) 1 Page - EUROQUARTZ limited

  HPQF Datasheet HTML 1Page - EUROQUARTZ limited HPQF Datasheet HTML 2Page - EUROQUARTZ limited HPQF Datasheet HTML 3Page - EUROQUARTZ limited HPQF Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
'HPQF' Specification Low Jitter Oscillators
'HPQF' series oscillators have been developed as a precision
frequency control component, providing a LVPECL output clock
oscillator with low current consumption, wide operating frequency
range and an integrated phase jitter performance of 0.6ps r.m.s. The
part is available in two industry-standard packages, 7 x 5mm SMD
and 5 x 3.2mm SMD.
Low jitter <1.0ps phase jitter
Wide frequency Range 10.0MHz to 1450MHz
Low supply current <46mA (100MHz)
Very quick delivery leadtime
Supply voltage range 2.5V or 3.3Volts
Tristate function to conserve power
FEATURES
Output Logic Type:
LVPECL
Frequency Range:
10.0MHz to 1450MHz
Load:
Differential
Power Supply Voltage:
2.5±5%VDC or +3.3±10%VDC
Output Voltage 'HIGH':
VDD - 1.03V minimum
VDD - 0.6V maximum
Output Voltage 'LOW':
VDD - 1.85V minimum
VDD - 1.6V maximum
Frequency Stability:
±50ppm over -40° to +85°C*
Duty Cycle:
50%±2%
Rise Time:
150ps minimum**
Fall Time:
250ps maximum**
Current Consumption @+2.5VDD
100.000MHz:
46mA
250.000MHz:
48mA
500.00MHz:
53mA
750.00MHz:
56mA
1GHz:
60mA
1.35GHz:
65mA
Current Consumption @+3.3VDD
100.000MHz:
48mA
250.000MHz:
50mA
500.00MHz:
55mA
750.00MHz:
59mA
1GHz:
62mA
1.35GHz:
68mA
Current with output disabled: 16mA typical
Start-up Time:
10ms maximum
Ageing:
±2ppm max., first year, ±10ppm
max. over 10 years.
OE Control on Pad 1
Enable:
0.7% VDD min., or no connection
Disable:
0.3%VDD max., (high impedance).
Output Enable Time:
200ns max.
Output Disable Time:
50ns max.
Phase Jitter r.m.s.:
0.6ps typical (12kHz to 20MHz)
<100fs (1.875MHz to 20MHz)
GENERAL SPECIFICATION
QF Series LVPECL Oscillators
DESCRIPTION
10MHz to 1450MHz
('536' package displayed)
Notes:
Example:
25HPQF536E-100.00
PART NUMBERING
Supply Voltage
25 = 2.5 Volts
3 = 3.3 Volts
Series/Model
'HPQF' = QF series,
LVPECL output
Package
536 = 5.0mm x 3.2mm
576 = 7.0mm x 5.0mm
Temperature Stability
'E' = ±50ppm over -40° to +85°C
Frequency in MHz
Page 1 of 4
TEST CIRCUIT


Số phần tương tự - HPQF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mercury United Electron...
HPQF5361 MERCURY-HPQF5361 Datasheet
140Kb / 1P
1.0 pS phase jitter
HPQF5761 MERCURY-HPQF5761 Datasheet
144Kb / 1P
1.0 pS phase jitter ( typical )
More results

Mô tả tương tự - HPQF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EUROQUARTZ limited
EQLXO-2000 EUROQUARTZ-EQLXO-2000 Datasheet
70Kb / 1P
HIGH SPECIFICATION OSCILLATORS
EQXOPL-2000 EUROQUARTZ-EQXOPL-2000 Datasheet
82Kb / 1P
Low Jitter 8 pin Dual-in-Line Programmable Oscillators
HDQN EUROQUARTZ-HDQN Datasheet
461Kb / 4P
Specification Low Jitter Oscillators
HPQN EUROQUARTZ-HPQN Datasheet
464Kb / 4P
Specification Low Jitter Oscillators
HTQF EUROQUARTZ-HTQF Datasheet
491Kb / 4P
Specification Low Jitter Oscillators
HTQN EUROQUARTZ-HTQN Datasheet
437Kb / 4P
Specification Low Jitter Oscillators
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C64M16D3 ALSC-1GB-AUTO-AS4C64M16D3 Datasheet
2Mb / 86P
Supports JEDEC clock jitter specification
2GB-AUTO-AS4C128M16D3L ALSC-2GB-AUTO-AS4C128M16D3L Datasheet
1Mb / 83P
Supports JEDEC clock jitter specification
4GB-DDR3L-AS4C256M16D3L ALSC-4GB-DDR3L-AS4C256M16D3L Datasheet
2Mb / 89P
Supports JEDEC clock jitter specification
logo
MICORO CRYSTAL SWITZERL...
MCSO6F MICROCRYSTAL-MCSO6F_17 Datasheet
280Kb / 2P
Low Jitter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com