công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RA302MC6AC bảng dữ liệu(PDF) 2 Page - Okaya Electric America, Inc.

tên linh kiện RA302MC6AC
Giải thích chi tiết về linh kiện  SURGE PROTECTIVE DEVICES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKAYA [Okaya Electric America, Inc.]
Trang chủ  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RA302MC6AC bảng dữ liệu(HTML) 2 Page - Okaya Electric America, Inc.

  RA302MC6AC Datasheet HTML 1Page - Okaya Electric America, Inc. RA302MC6AC Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
133
O3A
102
eg) In case of japan production
Model:
RA-102M-C6
DC spark-over voltage: 1,000V
Tolerance:
±20%→O
Calendar:
2013→3
Manufactured month:
January→A
15 max.
25 min.
3±1
*1.5~2.5 min.
φ 0.45 "Dumet" wire leads
glicoat processed
Unit: mm
F
P1
P
A
P2
dP0
Δh
Δh
D0
● Taping Dimensions (RA-XXXP/M-C6-Y)
Unit: mm
● Forming Dimensions (RA-XXXP/M-C6-F)
● Description of marking
+0.6
-0.2
* Accumulative pitch error: 4 pitches 50.8±0.6mm,
20 pitches 254±1.5mm
Description
Product height from board
Lamp pitch
Hole pitch
Pitch between leads
Declining
Paper width
Hole position
Lead clinch height
Product height
Hole diameter
Paper thickness
Dimension (mm)
Symbol
Height
Lamp Diameter
Lead Diameter
RA
15.0 max.
φ 6.1 max.
φ 0.45±0.05
17.0 max.
12.7±1.0
12.7±0.3*
3.85±0.7
6.35±1.3
5.0
±2.0
18.0±0.5
9.0±0.5
16.0±0.5
(33.5)
φ 4.0±0.2
0.7±0.2
L
A
d
L1
P
P0
P1
P2
F
Δh
W
W1
H0
H1
D0
t
Hole position
Month
Symbol
1
A
2
B
3
D
4
E
5
F
6
G
7
H
8
J
9
K
10
L
11
M
12
N
······ DC Sparkover Voltage
×10
············· T
: China production
None : Japan production
············· Tolerance ±20% (Symbol O)*1
············· Last digit of the calendar year eg.) 2013→3
············· The month manufactured (see below)
*¹ Tolerance of 311 ±15% (Symbol M)
RA-C6 SERIES
SURGE PROTECTIVE DEVICES
RA-C6-Y: 2,000 pcs
● Packing Quantity per Carton



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com