| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS80C320-ENG bảng dữ liệu(PDF) 30 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS80C320-ENG bảng dữ liệu(HTML) 30 Page - Dallas Semiconductor |
|
30 / 42 page ![]() DS80C320/DS80C323 30 of 42 DS80C323 MOVX C HARACTERISTICS PARAMETER SYMBOL VARIABLE CLOCK MIN VARIABLE CLOCK MAX UNITS STRETCH RD Pulse Width tRLRH 2tCLCL-11 tMCS-11 ns tMCS=0 tMCS>0 WR Pulse Width tWLWH 2tCLCL-11 tMCS-11 ns tMCS=0 tMCS>0 RD Low to Valid Data In tRLDV 2tCLCL-25 tMCS-25 ns tMCS=0 tMCS>0 Data Hold After Read tRHDX 0 ns Data Float After Read tRHDZ tCLCL-5 2tCLCL-5 ns tMCS=0 tMCS>0 ALE Low to Valid Data In tLLDV 2.5tCLCL-26 1.5tCLCL-28+tMCS ns tMCS=0 tMCS>0 Port 0 Address to Valid Data In tAVDV1 3tCLCL-24 2tCLCL-31+tMCS ns tMCS=0 tMCS>0 Port 2 Address to Valid Data In tAVDV2 3.5tCLCL-32 2.5tCLCL-34+tMCS ns tMCS=0 tMCS>0 ALE Low to RD or WR Low tLLWL 0.5tCLCL-5 1.5tCLCL-5 0.5tCLCL+6 1.5tCLCL+8 ns tMCS=0 tMCS>0 Port 0 Address Valid to RD or WR Low tAVWL1 tCLCL-9 2tCLCL-10 ns tMCS=0 tMCS>0 Port 2 Address Valid to RD or WR Low tAVWL2 1.5tCLCL-9 2.5tCLCL-13 ns tMCS=0 tMCS>0 Data Valid to WR Transition tQVWX -9 tCLCL-10 ns tMCS=0 tMCS>0 Data Hold After Write tWHQX tCLCL-7 2tCLCL-5 ns tMCS=0 tMCS>0 RD Low to Address Float tRLAZ note 5 ns RD or WR High to ALE High tWHLH 0 tCLCL-5 10 tCLCL+11 ns tMCS=0 tMCS>0 NOTE: tMCS is a time period related to the Stretch memory cycle selection. The following table shows the value of tMCS for each Stretch selectio n. M2 M1 M0 MOVX CYCLES tMCS 0 0 0 2 machine cycles 0 0 0 1 3 machine cycles (default) 4 tCLCL 0 1 0 4 machine cycles 8 tCLCL 0 1 1 5 machine cycles 12 tCLCL 1 0 0 6 machine cycles 16 tCLCL 1 0 1 7 machine cycles 20 tCLCL 1 1 0 8 machine cycles 24 tCLCL 1 1 1 9 machine cycles 28 tCLCL |