công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS80C390 bảng dữ liệu(PDF) 5 Page - Dallas Semiconductor

tên linh kiện DS80C390
Giải thích chi tiết về linh kiện  Dual CAN High-Speed Microprocessor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 bảng dữ liệu(HTML) 5 Page - Dallas Semiconductor

  DS80C390 Datasheet HTML 1Page - Dallas Semiconductor DS80C390 Datasheet HTML 2Page - Dallas Semiconductor DS80C390 Datasheet HTML 3Page - Dallas Semiconductor DS80C390 Datasheet HTML 4Page - Dallas Semiconductor DS80C390 Datasheet HTML 5Page - Dallas Semiconductor DS80C390 Datasheet HTML 6Page - Dallas Semiconductor DS80C390 Datasheet HTML 7Page - Dallas Semiconductor DS80C390 Datasheet HTML 8Page - Dallas Semiconductor DS80C390 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
DS80C390
5 of 58
110199
58-64,
1
2-8, 10
P1.0-P1.7
Port 1 - I/O. Port 1 can function as an 8-bit bi-directional I/O port,
the non-multiplexed A0 - A7 signals (when the MUX pin =1), and
as an alternate interface for internal resources. Setting the SP1EC
bit relocates RXD1 and TXD1 to Port 5. The reset condition of Port
1 is all bits at logic 1 via a weak pullup. The logic 1 state also
serves as an input mode, since external circuits writing to the port
can overdrive the weak pullup. When software clears any port pin
to 0, a strong pulldown is activated that remains on until either a 1
is written to the port pin or a reset occurs. Writing a 1 after the port
has been at 0 will activate a strong transition driver, followed by a
weaker sustaining pullup. Once the momentary strong driver turns
off, the port once again becomes the output (and input) high state.
Port Alternate Function
58
2
A0
P1.0 T2 External I/O for Timer/Counter 2
59
3
A1
P1.1 T2EX Timer/Counter 2 Capture/Reload Trigger
60
4
A2
P1.2 RXD1 Serial Port 1 Input
61
5
A3
P1.3 TXD1 Serial Port 1 Output
62
6
A4
P1.4 INT2 External Interrupt 2 (Pos. Edge Detect)
63
7
A5
P1.5 INT3 External Interrupt 3 (Neg. Edge Detect)
64
8
A6
P1.6 INT4 External Interrupt 4 (Pos. Edge Detect)
1
10
A7
P1.7 INT5 External Interrupt 5 (Neg. Edge Detect)
35
36
37
38
39
42
43
44
46
47
48
49
50
53
54
55
A8 (P2.0)
A9 (P2.1)
A10 (P2.2)
A11 (P2.3)
A12 (P2.4)
A13 (P2.5)
A14 (P2.6)
A15 (P2.7)
A15-A8 (Port 2) - Output. Port 2 serves as the MSB for external
addressing. The port automatically asserts the address MSB during
external ROM and RAM access. Although the Port 2 SFR exists,
the SFR value will never appear on the pins (due to memory
access).
Therefore accessing the Port 2 SFR is only useful for
MOVX A, @Ri or MOVX @Ri, A instructions, which use the Port
2 SFR as the external address MSB.
4-7,
10-13
13-16,
19-22
P3.0-P3.7
Port 3 - I/O. Port 3 functions as an 8-bit bi-directional I/O port,
and as an alternate interface for several resources found on the
traditional 8051. The reset condition of Port 1 is all bits at logic 1
via a weak pullup. The logic 1 state also serves as an input mode,
since external circuits writing to the port can overdrive the weak
pullup. When software clears any port pin to 0, the device activates
a strong pulldown that remains on until either a 1 is written to the
port pin or a reset occurs. Writing a 1 after the port has been at 0
will activate a strong transition driver, followed by a weaker
sustaining pullup. Once the momentary strong driver turns off, the
port once again becomes the output (and input) high state.
Port
Alternate Function
4
13
P3.0
RXD0 Serial Port 0 Input
5
14
P3.1
TXD0 Serial Port 0 Output
6
15
P3.2
INT0
External Interrupt 0
7
16
P3.3
INT1
External Interrupt 1
10
19
P3.4
T0 Timer 0 External Input
11
20
P3.5
T1/XCLK Timer 1 External Input/External Clock Output
12
21
P3.6
WR
External Data Memory Write Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com