| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF2807ZLPBF bảng dữ liệu(PDF) 11 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF2807ZLPBF bảng dữ liệu(HTML) 11 Page - International Rectifier |
|
11 / 12 page ![]() IRF2807Z/S/LPbF www.irf.com 11 TO-262 Part Marking Information TO-262 Package Outline Dimensions are shown in millimeters (inches) LOGO RECT IFIER INTERNAT IONAL LOT CODE ASSEMBLY LOGO RECTIFIER INTERNAT IONAL DATE CODE WEEK 19 YEAR 7 = 1997 PART NUMBER A = ASSEMBLY SIT E CODE OR PRODUCT (OPTIONAL) P = DES IGNATES LEAD-FREE EXAMPLE: THIS IS AN IRL3103L LOT CODE 1789 ASS EMBLY PART NUMBER DATE CODE WEEK 19 LINE C LOT CODE YEAR 7 = 1997 ASS EMBLED ON WW 19, 1997 IN THE ASSEMBLY LINE "C" Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ |