| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P0300SCLRP bảng dữ liệu(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P0300SCLRP bảng dữ liệu(HTML) 3 Page - Littelfuse |
|
3 / 5 page ![]() SIDACtor® Protection Thyristors Revised: 01/09/14 © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Baseband Protection (Voice-DS1) SIDACtor® Series, DO-214 25°C CaseTemperature (T C) - ºC 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 Normalized V S Change vs. Junction Temperature Normalized DC Holding Current vs. Case Temperature IH IT IS IDRM VDRM VT +V -V +I -I VS 50 100 0 tr td 0 Peak Value Half Value t – Time (μs) tr = rise time to peak value td = decay time to half value Waveform = tr x td V-I Characteristics t r x td Pulse Waveform Package Symbol Parameter Value Unit DO-214AA T J Operating Junction Temperature Range -40 to +150 °C T S Storage Temperature Range -65 to +150 °C R 0JA Thermal Resistance: Junction to Ambient 90 °C/W Thermal Considerations -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 Junction Temperature (T J) – °C 25 °C |