| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NFSW157D bảng dữ liệu(PDF) 2 Page - NICHIA CORPORATION |
|
|
|||||||||||||||||||||||||||||
NFSW157D bảng dữ liệu(HTML) 2 Page - NICHIA CORPORATION |
|
2 / 18 page ![]() NICHIA STS-DA1-2956B <Cat.No.140314> 1 SPECIFICATIONS (1) Absolute Maximum Ratings Item Symbol Absolute Maximum Rating Unit Forward Current IF 200 mA Pulse Forward Current IFP 400 mA Allowable Reverse Current IR 85 mA Power Dissipation PD 680 mW Operating Temperature Topr -40~100 °C Storage Temperature Tstg -40~100 °C Junction Temperature TJ 120 °C * Absolute Maximum Ratings at TS=25°C. * IFP conditions with pulse width ≤10ms and duty cycle ≤10%. (2) Initial Electrical/Optical Characteristics Item Symbol Condition Typ Max Unit Forward Voltage VF IF=120mA 3.0 - V Luminous Flux Φv IF=120mA 46 - lm Luminous Intensity Iv IF=120mA 15.0 - cd x - IF=120mA 0.290 - - Chromaticity Coordinate y - IF=120mA 0.275 - - Thermal Resistance RθJS - 17 24 °C/W * Characteristics at TS=25°C. * Luminous Flux value as per CIE 127:2007 standard. * Chromaticity Coordinates as per CIE 1931 Chromaticity Chart. * RθJS is Thermal Resistance from junction to TS measuring point. |