| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NFSW157A bảng dữ liệu(PDF) 3 Page - NICHIA CORPORATION |
|
|
|||||||||||||||||||||||||||||
NFSW157A bảng dữ liệu(HTML) 3 Page - NICHIA CORPORATION |
|
3 / 17 page ![]() NICHIA STS-DA1-1300B <Cat.No.110406> 2 RANKS Item Rank Min Max Unit Forward Voltage - 2.8 3.6 V P14 51.0 60.5 P13 42.8 51.0 Luminous Flux P12 36.0 42.8 lm Color Ranks Rank b3 Rank b4 x 0.287 0.283 0.304 0.307 x 0.307 0.304 0.330 0.330 y 0.295 0.305 0.330 0.315 y 0.315 0.330 0.360 0.339 Rank b5 Rank b6 x 0.296 0.287 0.307 0.311 x 0.311 0.307 0.330 0.330 y 0.276 0.295 0.315 0.294 y 0.294 0.315 0.339 0.318 Rank c1 Rank c2 x 0.330 0.330 0.361 0.357 x 0.330 0.330 0.357 0.356 y 0.339 0.360 0.385 0.361 y 0.318 0.339 0.361 0.351 * Ranking at TS=25°C. * Tolerance of measurements of the Forward Voltage is ±0.05V. * Tolerance of measurements of the Luminous Flux is ±7%. * Tolerance of measurements of the Chromaticity Coordinate is ±0.005. * Basically, a shipment shall consist of the LEDs of a combination of the above ranks. The percentage of each rank in the shipment shall be determined by Nichia. Correspondence table of Color Coordinates - Luminous Flux ranks Ranking by Luminous Flux Ranking by Color Coordinates P12 P13 P14 b3 b4,b5,b6,c1,c2 |