| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2152L bảng dữ liệu(PDF) 68 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152L bảng dữ liệu(HTML) 68 Page - Dallas Semiconductor |
|
68 / 94 page ![]() DS2152 68 of 93 RUPCD: RECEIVE UP CODE DEFINITION REGISTER (Address=14 Hex) (MSB) (LSB) C7 C6 C5 C4 C3 C2 C1 C0 SYMBOL POSITION NAME AND DESCRIPTION C7 RUPCD.7 Receive Up Code Definition Bit 7. First bit of the repeating pattern. C6 RUPCD.6 Receive Up Code Definition Bit 6. A Don’t Care if a 1-bit length is selected. C5 RUPCD.5 Receive Up Code Definition Bit 5. A Don’t Care if a 1 or 2-bit length is selected. C4 RUPCD.4 Receive Up Code Definition Bit 4. A Don’t Care if a 1 to 3-bit length is selected. C3 RUPCD.3 Receive Up Code Definition Bit 3. A Don’t Care if a 1 to 4-bit length is selected. C2 RUPCD.2 Receive Up Code Definition Bit 2. A Don’t Care if a 1 to 5-bit length is selected. C1 RUPCD.1 Receive Up Code Definition Bit 1. A Don’t Care if a 1 to 6-bit length is selected. C0 RUPCD.0 Receive Up Code Definition Bit 0. A Don’t Care if a 1 to 7-bit length is selected. |