| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CK12BX331M bảng dữ liệu(PDF) 7 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CK12BX331M bảng dữ liệu(HTML) 7 Page - Kemet Corporation |
|
7 / 15 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 40 CERAMIC MOLDED/MIL-C-11015 & MIL-PRF-39014 (CKR) C062 (CK06, CKR06) Lead Dia. .025 (+.004 -.002) W .026 MIN. H L S W .045 MAX. H 1.25 MIN. L S W H 1.25 MIN. L S W Center Line of leads within .030" of Center Line of case. H 1.25 MIN. S .026 MIN. L C052 (CK05, CKR05) C056 (CKR05) C066 (CKR06) Lead Dia. .025 (+.004 -.002) Lead Dia. .025 (+.004 -.002) Lead Dia. .025 (+.004 -.002) 1.25 MIN. * * * * DIMENSIONS — INCHES (MILLIMETERS) D L C 1.50 Min. (38.10) 1.50 Min. (38.10) CAPACITOR OUTLINE DRAWINGS - (AXIAL LEADS) CAPACITOR OUTLINE DRAWINGS (AXIAL LEADS) CAPACITOR OUTLINE DRAWINGS (RADIAL LEADS) DIMENSIONS — INCHES (MILLIMETERS) * Leads are .625 minimum when tape and reel packaged. Case Size Military Equivalent Styles L Length D Body Diameter C Lead Diameter C114 CK12, CKR11 .160 ± .010 (4.06 ± .25) .090 ± .010 (2.29 ± .25) .020, +.000, -.003 (.51, +.00, -.08) C124 CK13, CCR12 .250 ± .010 (6.35 ± .25) .090 ± .010 (2.29 ± .25) .020, +.000, -.003 (.51, +.00, -.08) C192 CK14, CKR14 .390 ± .010 (9.91 ± .25) .140 ± .010 (3.56 ± .25) .025, +.002, -.002 (.64, +.05, -.05) C202 CK15, CKR15 .500 ± .020 (12.70 ± .51) .250 ± .015 (6.35 ± .38) .025, +.002, -.002 (.64, +.05, -.05) C222 CK16, CKR16 .690 ± .030 (17.53 ± .76) .350 ± .020 (8.89 ± .51) .025, +.002, -.002 (.64, +.05, -.05) Case Size Military Equivalent Styles H Height L Length W Width S Lead Spacing C052/ C056 CK05, CKR05 .190 ± .010 (4.83 ± .25) .190 ± .010 (4.83 ± .25) .090 ± .010 (2.29 ± .25) .200 ± .015 (5.08 ± .38) C062/ C066 CK06, CKR06 .290 ± .010 (7.37 ± .25) .290 ± .010 (7.37 ± .25) .090 ± .010 (2.29 ± .25) .200 ± .015 (5.08 ± .38) |