công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS1867 bảng dữ liệu(PDF) 7 Page - Dallas Semiconductor

tên linh kiện DS1867
Giải thích chi tiết về linh kiện  Dual Digital Potentiometer with EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1867 bảng dữ liệu(HTML) 7 Page - Dallas Semiconductor

Back Button DS1867 Datasheet HTML 3Page - Dallas Semiconductor DS1867 Datasheet HTML 4Page - Dallas Semiconductor DS1867 Datasheet HTML 5Page - Dallas Semiconductor DS1867 Datasheet HTML 6Page - Dallas Semiconductor DS1867 Datasheet HTML 7Page - Dallas Semiconductor DS1867 Datasheet HTML 8Page - Dallas Semiconductor DS1867 Datasheet HTML 9Page - Dallas Semiconductor DS1867 Datasheet HTML 10Page - Dallas Semiconductor DS1867 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS1867
7 of 14
102199
POWER-DOWN EEPROM TIMING REQUIREMENTS Figure 6
TYPICAL APPLICATION CONFIGURATIONS
Figures 7 and 8 show two typical application configurations for the DS1867. By connecting the wiper
terminal of the part to a high impedance load, the effects of the wiper resistance is minimized, since the
wiper resistance can vary from 400 to 1000 ohms depending on wiper voltage. Figure 7 presents the
device connected in an inverting variable gain amplifier. The gain of the circuit on Figure 7 is given by
the following equation:
Av = -n/(255-n); where n = 0 to 255
Figure 8 shows the device operating in a fixed gain attenuator where the potentiometer is used to
attenuate an incoming signal. Note the resistance R1 is chosen to be much greater than the wiper
resistance to minimize its effect on circuit gain.
INVERTING VARIABLE GAIN AMPLIFIER Figure 7
DS1867



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14