công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS1616 bảng dữ liệu(PDF) 3 Page - Dallas Semiconductor

tên linh kiện DS1616
Giải thích chi tiết về linh kiện  Temperature and Three Input MUX?셞d 8-bit Data Recorder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1616 bảng dữ liệu(HTML) 3 Page - Dallas Semiconductor

  DS1616 Datasheet HTML 1Page - Dallas Semiconductor DS1616 Datasheet HTML 2Page - Dallas Semiconductor DS1616 Datasheet HTML 3Page - Dallas Semiconductor DS1616 Datasheet HTML 4Page - Dallas Semiconductor DS1616 Datasheet HTML 5Page - Dallas Semiconductor DS1616 Datasheet HTML 6Page - Dallas Semiconductor DS1616 Datasheet HTML 7Page - Dallas Semiconductor DS1616 Datasheet HTML 8Page - Dallas Semiconductor DS1616 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DS1616
3 of 29
DS1616 Block Diagram Figure 1
SIGNAL DESCRIPTIONS
The following paragraphs describe the function of each pin.
VCC - VCC is a +5 volt input supply. Communication with the DS1616 can take place only when VCC is
connected to a +5 volt supply.
Vbat - Battery input for standard lithium cell or other energy source. All functions of the DS1616 with the
exception of the serial interface circuitry are powered by Vbat when VCC < Vbat. All functions are
powered by VCC when VCC > Vbat. If a battery or other energy source is not used, Vbat should be
connected directly to GND.
GND - GND connections are not internally connected, so all GND connections must be connected
directly to ground.
AGND - Analog ground should be connected directly to digital ground externally to eliminate ground
noise and potential differences.
COMSEL (Communication Select Input) - This pin determines whether serial communication is
asynchronous or synchronous. When pulled high to VCC, communication is synchronous and will take
place via the SCLK, I/O, and RST pins. When COMSEL is tied to ground, asynchronous communication
utilizing the TX and RX pins is selected. If this pin is floated, the DS1616 will operate in the
asynchronous communications mode since the COMSEL pin has a weak internal pulldown resistor.
OSCILLATOR
AND
DIVIDER
X1
X2
A/D
CONVERTER
CONTROL
LOGIC
DATALOG MEMORY
HISTOGRAM MEMORY
ALARM TIME STAMP
AND DURATION
LOGGING MEMORY
USER NVRAM
RTC AND CONTROL
REGISTERS
INTERNAL RTC
AND CONTROL
REGISTERS
SERIAL
INTERFACE
MEMORY
FUNCTION
CONTROL
Tx
Rx
ST
INSPEC
OUTSPEC
INT
COMSEL
I/O
RST
SCLK
OPTIONAL
SERIAL NUMBER
AIN
TEMPERATURE
SENSOR
3 TO 1
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com