công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-2111 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện SC-2111
Giải thích chi tiết về linh kiện  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SC-2111 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

  SC-2111 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-2111 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC-2111 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC-2111 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC-2111 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-2111 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-2111 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-2111 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A-153
ス
イ
ッ
チ
10
4
1.27
5 – 0.6
± 0.1
t = 0.15
0.6 W
× 3.2 L × 1.2 D
製造年月記号
2.54
2.54
⑧④② ①
Ⓒ
2.54
Production date code
■外形寸法図 OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
■各種ノブ付品 VARIOUS KNOBS
<Gull wing, Top setting>
● SC-1010B (Real code)
● SC-1030B (Complementary code)
10
4
1.27
5 – 0.6
± 0.1
t = 0.15
0.6 W
× 3.2 L × 1.2 D
製造年月記号
2.54
2.54
⑧④② ①
Ⓒ
2.54
Production date code
5
4
6
● SC-2010B (Real code)
● SC-2030B (Complementary code)
10
4
1.27
5 – 0.6
± 0.1
t = 0.15
0.6 W
× 3.2 L × 1.5 D
製造年月記号
2.54
2.54
⑧④② ①
Ⓒ
2.54
Production date code
● SC-1210B (Real code)
● SC-1230B (Complementary code)
10
4
1.27
5 – 0.6
± 0.1
t = 0.15
0.6 W
× 3.2 L × 1.5 D
製造年月記号
2.54
2.54
⑧④② ①
Ⓒ
2.54
Production date code
5
4
6
● SC-2210B (Real code)
● SC-2230B (Complementary code)
黄、赤、白、グレー、透明などのカラーノブ付品や半透明平ノブ
付品も製作可能です。
(ノブ付品は洗浄不可となります)
カラーノブ付品 Colored knob
平ノブ付品 Translucent thumbwheel
Yellow, red, white, gray and transparent knob, and translucent
thumbwheel type are available as a semi standard item.
(Switches with knob are not washable)
SC-1000/2000
ROTARY CODED SWITCHES
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com