công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-2110 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện SC-2110
Giải thích chi tiết về linh kiện  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SC-2110 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

  SC-2110 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-2110 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC-2110 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC-2110 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC-2110 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-2110 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-2110 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-2110 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
A-154
ス
イ
ッ
チ
SC-1000/2000
ROTARY CODED SWITCHES
■端子接続/プリント基板加工寸法
TERMINAL CONNECTION /
P.C.B. THROUGH HOLE DIMENSIONS
(Unit: mm)
■推奨ランドパターン
RECOMMENDED
P.C.B. PAD OUTLINE
DIMENSIONS
端子接続図
(裏面図)
Terminal pin
layout
(Bottom view)
プリント基板
加工寸法
(反対面から見た図)
P.C.B. dimensions
(Bottom view)
Top setting
Side setting
2.54
± 0.1
SC-1000/2000 case
5 –
0.8 hole
φ
Operating face
2.54
± 0.1
SC-1000/2000 case
5 –
0.8 hole
φ
81
2
C
48
1
2
C
4
81
2
C
48
1
2
C
4
Real code
Operating face
of real code
Operating face of
complementary code
Complementary code
7.62
2.54
0
5 – 1
■コードフォーマット CODE FORMAT
No. of positions
SC-1000 series (16 positions)
SC-2000 series (10 positions)
Position
0
123456789
A
B
C
D
EF
●●●
●●●●●
●
●●●
●●●●
●●
●●
●
●
●●
●●
●●●
●●●
●●●●●
●●●
●●●●
●●●
●
●●
●
●
●●
●●
●●●
●●●
●●
Code
Real code
8
4
2
1
8
4
2
1
Complemen-
tary code
● …Contact closed
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com