| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B3FS-1002 bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B3FS-1002 bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC |
|
3 / 4 page ![]() 3 B3FS B3FS ■ Dimensions (Unit: mm) Note: The numbers used for terminals in the following graphics are indicated in the “Bottom View” diagram below. In this diagram, the Switch is rotated so that the terminals are on the right and left-hand sides, and the OMRON logo appears the right way up. Note: Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions. No terminal numbers are indicated on the Switches. ■ Key Tops B32-series Special Key Tops are available for projected plunger models. Refer to the Datasheet of B32 for details. ■ Precautions Be sure to read the safety precautions common to all Tactile Switches for correct use. (Bottom View) 2 4 1 3 PCB Pad (Top View) (One-side PCB t= 1.6) Terminal Arrangement/ Internal Connection (Top View) 4.5 ±0.2 3 dia. 8 0.7 0.7 6.3 3.1 ±0.2 2.6 9.6 6.4 3.1 5.9 3 1 4 2 4.5 ±0.2 3 dia. 8 0.7 0.7 6.3 4.3 2.6 9.6 6.4 3.1 5.9 3 1 4 2 4.5 ±0.2 6 8 2.4 ±0.1 0.7 0.7 6.3 3.1 1.8 7.3 2.6 9.6 6.4 3.1 5.9 3 1 4 2 Flat Type B3FS-1000 B3FS-1002 B3FS-1005 B3FS-1000P B3FS-1002P B3FS-1005P PCB Pad (Top View) (One-side PCB t= 1.6) Terminal Arrangement/ Internal Connection (Top View) PCB Pad (Top View) (One-side PCB t= 1.6) Terminal Arrangement/ Internal Connection (Top View) Flat Type B3FS-1010 B3FS-1012 B3FS-1015 B3FS-1010P B3FS-1012P B3FS-1015P Projected Type B3FS-1050 B3FS-1052 B3FS-1050P B3FS-1052P |