công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1202A2 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện 1202A2
Giải thích chi tiết về linh kiện  Momentary pushbutton switches - round plunger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

1202A2 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

  1202A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B2-112
APEM
www.apem.com
B2
1200M/MR series
Robust momentary pushbutton switches - metal plunger
Solder lug/quick-connect terminals - screw terminals
Solder lug/quick-connect terminals 6,35 x 0,8 (.250 x .031)
MODEL
STRUCTURE
NO
NC
(function 3)
(function 2)
Curved plunger Flat plunger
1212MR
1212M
NC
1213MR
1213M
NO
Screw terminals
Curved plunger Flat plunger
1222MR
1222M
NC
1223MR
1223M
NO
Screw terminals + clamp
Curved plunger Flat plunger
1202MR
1202M
NC
1203MR
1203M
NO
• Flat or curved plunger
• Panel cut-out Ø 12,2 (.480)
• Single pole
➞ Keyway
121.
122.
120.
➞ Keyway
➞ Keyway
➞ Keyway
6.35x0.80
(.25x.031)
(.122DIA)
Ø3.10
(.031)
(.118DIAx0.50)
Ø3.00x0.50
0.80
6.35
(.25)
(.25)
6.35
0.80
Ø3.00x0.50
(.118DIAx0.50)
(.031)
Ø12.00x0.75 SI
17.00
(.519)
6.35x0.80
14.00
Ø8.00
(.472DIAx0.75 IS)
(.669)
(.551)
13.20
(.315DIA)
(.25x0.031)
(.472DIAx0.75 IS)
Ø12.00x0.75 SI
13.20
(.669)
(.519)
17.00
(.551)
14.00
(.315DIA)
Ø8.00
6.35x0.80
(.25x.031)
17.00
13.20
(.669)
(.519)
14.00
(.551)
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
Ø8.00
(.315DIA)
16-Serie 1200M-MR-A_21-Serie 1200M-MR-A 21/11/12 16:41 Page112



Html Pages

1 2 3 4 5 6 7