| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS1035 bảng dữ liệu(PDF) 2 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1035 bảng dữ liệu(HTML) 2 Page - Dallas Semiconductor |
|
2 / 6 page ![]() DS1035 2 of 6 LOGIC DIAGRAM Figure 1 PART NUMBER DELAY TABLE (tPLH , tPHL) Table 1 PART NUMBER DELAY PER OUTPUT (ns) INITIAL TOLERANCE TOLERANCE OVER TEMPERATURE AND VOLTAGE DS1035-60 6/6/6 ±1.5 ns ±1.0 ns DS1035-80 8/8/8 ±1.5 ns ±1.0 ns DS1035-10 10/10/10 ±1.5 ns ±1.0 ns DS1035-12 12/12/12 ±1.5 ns ±1.0 ns DS1035-15 15/15/15 ±1.5 ns ±1.5 ns DS1035-20 20/20/20 ±1.5 ns ±1.5 ns DS1035-25 25/25/25 ±2.0 ns ±1.5 ns DS1035-30 30/30/30 ±2.0 ns ±1.5 ns NOTES: 1. Nominal conditions are +25 °C and V CC=+5.0 volts. 2. Temperature range of 0 °C to 70°C and voltage range of 4.75 volts to 5.25 volts. 3. Delay accuracy is for both leading and trailing edges. |