công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS1023 bảng dữ liệu(PDF) 9 Page - Dallas Semiconductor

tên linh kiện DS1023
Giải thích chi tiết về linh kiện  8-Bit Programmable Timing Element
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1023 bảng dữ liệu(HTML) 9 Page - Dallas Semiconductor

Back Button DS1023 Datasheet HTML 5Page - Dallas Semiconductor DS1023 Datasheet HTML 6Page - Dallas Semiconductor DS1023 Datasheet HTML 7Page - Dallas Semiconductor DS1023 Datasheet HTML 8Page - Dallas Semiconductor DS1023 Datasheet HTML 9Page - Dallas Semiconductor DS1023 Datasheet HTML 10Page - Dallas Semiconductor DS1023 Datasheet HTML 11Page - Dallas Semiconductor DS1023 Datasheet HTML 12Page - Dallas Semiconductor DS1023 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS1023
9 of 16
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin
-1.0V to +7.0V
Operating Temperature Range
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5
5.25
V
High Level Input Voltage
VIH
2VCC +0.5
V
Low Level Input Voltage
VIL
-0.5
0.8
V
Input Leakage Current
(0<VI <VCC )II
-1
+1
µA
Active Current
ICC
30
60
mA
High Level Output Current
(VCC = Min, VOH = 2.7V)
IOH
-1
mA
Low Level Output Current
(VCC = Min, VOL = 0.5V)
-Q output
-
All other outputs
IOL
IOL
4
8
mA
mA
AC ELECTRICAL CHARACTERISTICS - CONTROL/INTERFACE
SPECIFICATIONS ALL SPEED OPTIONS
(TA= 0
°°°°C to 70°°°°C; V
CC= 5V
±±±±====5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Serial Clock Frequency
fCLK
10
MHz
Input Pulse Width (LE, CLK)
tW
50
ns
Data Setup to Clock
tDSC
30
ns
Data Hold from Clock
tDHC
0ns
Data Setup to Enable
tDSE
30
ns
Data Hold from Enable
tDHE
0ns
Enable Setup to Clock
tES
0ns
Enable Hold from Clock
tEH
30
ns
LE to Q Valid
tEQV
50
ns
LE to Q Hi-Z
tEQZ
050
ns
CLK to Q Valid
tCQV
50
ns
CLK to Q Invalid
tCQX
0ns
Parallel Input to Delay Valid
tPDV
500
ns
Parallel Input to Delay Invalid
tPDX
0ns
LE to Delay Valid
tEDV
500
ns
LE to Delay Invalid
tEDX
0ns
Power Up Time
tPU
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com