công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASA2805S bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện ASA2805S
Giải thích chi tiết về linh kiện  HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

ASA2805S bảng dữ liệu(HTML) 1 Page - International Rectifier

  ASA2805S Datasheet HTML 1Page - International Rectifier ASA2805S Datasheet HTML 2Page - International Rectifier ASA2805S Datasheet HTML 3Page - International Rectifier ASA2805S Datasheet HTML 4Page - International Rectifier ASA2805S Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.irf.com
1
ASA28XXS SERIES
Description
Up To 5.0W Output Power
5V, 12V,15V Outputs
High Reliability
Wide Input Voltage Range -16V To 40V
Indefinite Short Circuit and Overload Protection
Popular Industry Standard Pin-Out
Military Screening Available
Parallel Seam Welded Package
No External Capacitors Required
Input Voltage Surge Protected to MIL-STD-704A
Under Voltage Lockout
Available as Standard Military Drawing
Standard Microcircuit Drawings Available
Features
28V Input, Single Output
The ASA28XXS Series of DC/DC converters are high
reliability thick film hybrid converters that use flyback
topology operating at a nominal frequency of 550KHz.
High input to output isolation is achieved through the
use of transformers in the flyback power and feedback
circuits.
The advanced feedback design provides fast loop
response for superior line and load transient
characteristics and offers greater reliability than devices
incorporating optical feedback circuits.
This device is designed to meet MIL-STD-704D input
requirements offering full performance over a 16V to
40V input range. Output Power of up to 5W is available.
Connecting the inhibit pin (pin 5) to the input common
(pin 7) will cause the converter to shut down. It is
recommended that the inhibit pin be driven by an open
collector device capable of sinking at least 400
µA. The
open circuit voltage of the inhibit pin is 11.5 ± 0.5V.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening
requirements can be accommodated. Extensive
computer simulation using complex modeling allows
design modifications to be examined. Contact IR Santa
Clara with specific requirements.
01/11/07
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
ASA
PD-94539A


Số phần tương tự - ASA2805S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
ASA2805S-CH IRF-ASA2805S-CH Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA2805S-ES IRF-ASA2805S-ES Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA2805S-HB IRF-ASA2805S-HB Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA2805S/CH IRF-ASA2805S/CH Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ASA2805S/ES IRF-ASA2805S/ES Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Mô tả tương tự - ASA2805S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
HIGH RELIABILITY HYBRID EMI FILTERS
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFL5000D IRF-AFL5000D_15 Datasheet
177Kb / 11P
HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
EMI FILTER HYBRID / HIGH RELIABILITY
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com