công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TG-167 bảng dữ liệu(PDF) 2 Page - Clare, Inc.

tên linh kiện TG-167
Giải thích chi tiết về linh kiện  HIGH ENERGY SPARK GAP DEVICES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARE [Clare, Inc.]
Trang chủ  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-167 bảng dữ liệu(HTML) 2 Page - Clare, Inc.

  TG-167 Datasheet HTML 1Page - Clare, Inc. TG-167 Datasheet HTML 2Page - Clare, Inc. TG-167 Datasheet HTML 3Page - Clare, Inc. TG-167 Datasheet HTML 4Page - Clare, Inc. TG-167 Datasheet HTML 5Page - Clare, Inc. TG-167 Datasheet HTML 6Page - Clare, Inc. TG-167 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATIONS
565
www.cpclare.com
HIGH ENERGY SPARK GAP DEVICES
Two Electrode High-Energy Spark Gaps
All characteristics at 25˚C.
PART
DC BREAKDOWN
INITIAL
REPETITIVE
PACKAGE
DIMENSION A
DIMENSION B
DIMENSION C
NUMBER
VOLTAGE
PULSE
PULSE
OUTLINE
(INCHES)
(INCHES)
(INCHES)
(KV
± 10%)
BREAKDOWN
BREAKDOWN
VOLTAGE (KV)(3) VOLTAGE (KV)(3)
TG-6
2.50
—
—
1
0.620 max
0.455
± 0.031
0.188 max
TG-8(1)
2.50
—
—
1
0.620 max
1.000
± 0.031
0.125 max
TG-9
3.00
—
—
1
0.620 max
0.460
± 0.031
0.188 max
TG-14
12.50
19.0 - 28.0
17.0 - 21.0
2
—
—
—
TG-15
3.00
—
—
1
0.620 max
1.000
± 0.031
0.125 max
TG-16(1)
3.00
—
—
1
0.620 max
1.000
± 0.031
0.125 max
TG-17
2.60
—
—
1
0.620 max
0.455
± 0.031
0.188 max
TG-19(2)
2.20
± 0.20
—
—
1
0.620 max
0.455
± 0.031
0.275
± .07
TG-20A
21.00
17.0 - 24.0
—
7
2.250
± 0.125
—
—
TG-22
1.00
—
—
1
0.620 max
0.435
± .031
0.188 max
TG-24
15.50
35.5 max
—
2
—
—
—
TG-25
0.40
—
—
1
0.600
± .030
1.100
± .031
0.250 max
TG-26A
0.75
—
—
2
—
—
—
TG-27A
1.00
—
—
2
—
—
—
TG-28A
1.25
—
—
2
—
—
—
TG-29
1.50
—
—
2
—
—
—
TG-30
2.00
—
—
2
—
—
—
TG-31
2.50
—
—
2
—
—
—
TG-32
3.00
—
—
2
—
—
—
TG-33
4.00
—
—
2
—
—
—
TG-34
5.00
—
—
2
—
—
—
TG-35
6.00
—
—
2
—
—
—
TG-36
8.00
—
—
2
—
—
—
TG-37
10.00
—
—
2
—
—
—
TG-38
12.50
—
—
2
—
—
—
TG-39
15.00
—
—
2
—
—
—
TG-40
17.50
—
—
2
—
—
—
TG-41A
0.75
—
—
3
—
—
—
TG-42A
1.00
—
—
3
—
—
—
TG-43A
1.25
—
—
3
—
—
—
TG-44
1.50
—
—
3
—
—
—
TG-45
2.00
—
—
3
—
—
—
TG-46
2.50
—
—
3
—
—
—
TG-47
3.00
—
—
3
—
—
—
TG-48
4.00
—
—
3
—
—
—
TG-49
5.00
—
—
3
—
—
—
TG-50
6.00
—
—
3
—
—
—
TG-51
8.00
—
—
3
—
—
—
TG-52
10.00
—
—
3
—
—
—
TG-53
12.50
—
—
3
—
—
—
TG-54
15.00
—
—
3
—
—
—
TG-55
17.50
—
—
3
—
—
—
TG-56
20.00
—
—
4
3.750
± .125
—
—
TG-57
25.00
—
—
4
3.750
± .125
—
—
TG-58
30.00
—
—
4
4.000
± .188
—
—
TG-59
40.00
—
—
4
4.250
± .188
—
—
TG-60
50.00
—
—
4
4.500
± .188
—
—
(1) 6-32 tapped hole in non-tubulated end.
(2) Identical tubulation on both ends.
(3) The voltage level at which the spark discharge occurs when a unipolarity pulse train is applied to the gap. Typically, the pulse repetition rate is 400 pps (pulses/second) with a rise
time of 0.3
µs and a pulse width of 0.5 µs. The “initial” range specifies at what increasing voltage the gap begins to fire and the “rep” range specifies at what decreasing voltage the
gap ceases to fire repetitively.



Html Pages

1 2 3 4 5 6 7