| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1116062-2 bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1116062-2 bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 7 page ![]() 10 Catalog 82066 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 11-07 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Single Port Modular Jacks (Continued) Modular Jacks and MRJ21 Product Note: All part numbers are RoHS compliant. Side Entry (RA), Thru-Hole .820 [20.83] .635 [16.13] .445 [11.31] Panel Stop .635 [16.13] .820 [20.83] .525 [13.34] Offset Latch .820 [20.83] .605 [15.37] .635 [16.13] 4-Position 6-Position 8-Position Part Positions/ LEDs Shielded Performance Panel Inverted Ground Number Contacts Stops Options 215875-1 4/4 Without No Cat 3 Without No Without 2-215875-1 4/4 Without No Cat 3 Without No Without 5520249-2 4/4 Without No Cat 3 With No Without 215876-2 6/4 Without No Cat 3 Without No Without 5555140-2 6/4 Without Yes Cat 3 With No Panel and PCB 5555163-2 6/4 Without No Cat 3 With No Without 1-215876-3 6/6 Without No Cat 3 Without No Without 215876-1 6/6 Without No Cat 3 N/A No Without 5520250-3 6/6 Without No Cat 3 With No Without 5555003-1 6/6 Without No Cat 3 With No Without 5555140-1 6/6 Without Yes Cat 3 With No Panel and PCB 5555154-1 6/6 Without Yes Cat 3 With No PCB Ground 5555163-1 6/6 Without No Cat 3 With No Without 5555165-1 6/6 Without No Cat 3 Without No Without 106066-2 8/8 Without Yes Cat 3 Without No Panel and PCB 1116062-2 8/8 Without Yes Cat 5 Without No Panel and PCB 1116503-2 8/8 Without Yes Cat 5 Without No PCB Ground 6116526-1 8/8 Without Yes Cat 5 Without No PCB Ground 1-215877-3 8/8 Without No Cat 3 Without No Without Note: Consult Tyco Electronics Sales Representative for additional Part Numbers and features differences (tail length, LED color, IRR, etc.) Low Profile, Face Shield .630 [16.00] .725 [18.42] .500 [12.70] .725 [18.42] .550 [13.97] .500 [12.70] 6-Position 8-Position Panel Grounds PCB Ground Part Positions/ LEDs Shielded Performance Panel Inverted Ground Number Contacts Stops Options 5555162-1 8/8 Without No Cat 3 With No Without 5555164-1 8/8 Without No Cat 3 Without No Without 1-5406299-1 8/8 Without Yes Cat 5 Without No Panel and PCB 1-1734264-1 8/8 Without Yes Cat 3 Without No Panel and PCB 1734579-1 8/8 Without Yes Cat 3 Without No PCB Ground 215877-1 8/8 Without No Cat 3 Without No Without 2-215877-1 8/8 Without No Cat 3 Without No Without 2-215878-1 8/8 Without No Cat 3 Without No Without 2-5338556-1 8/8 Without Yes Cat 3 Without No Panel and PCB 3-5338556-1 8/8 Without Yes Cat 3 Without No Panel and PCB 5406217-1 8/8 Without Yes Cat 5 Without No Panel and PCB 5406296-1 8/8 Without Yes Cat 5 Without No Panel and PCB Note: Consult Tyco Electronics Sales Representative for additional Part Numbers and features differences (tail length, LED color, IRR, etc.) |