| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SB360 bảng dữ liệu(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SB360 bảng dữ liệu(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() SB360 Preliminary DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-081.a ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT DC Blocking Voltage VR 60 V Peak Repetitive Reverse Voltage VRRM 60 V Working Peak Reverse Voltage VRWM 60 V RMS Reverse Voltage VR(RMS) 42 V Average Rectified Output Current (Note 2) IO 3.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) IFSM 80 A Forward Voltage (Note 3) IF=3.0A VFM 0.74 V Peak Reverse Current at Rated DC Blocking Voltage (Note 3) TA=25°C IRM 0.5 mA TA=100°C 10 mA Junction to Ambient (Note 4) θJA 30 °C/W Junction to Lead (Note 4) θJL 10 °C/W Storage Temperature TJ -65~+150 °C Operating Junction Temperature TSTG -65~+150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Measured at ambient temperature at a distance of 9.5mm from the case. 3. Short duration pulse test used to minimize self-heating effect. 4. Thermal resistance from junction to lead vertical P.C.B. mounted, 0.500" (12.7mm) lead length with 2.5x2.5" (63.5x63.5mm) copper pad. |