| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RS1002FLK-CA2F-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
RS1002FLK-CA2F-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD RS1002FL Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-212.a SURFACE MOUNT FAST DIODE DESCRIPTION The UTC RS1002FL is a surface mount fast diode, it uses UTC’s advanced technology to provide customers with fast switching and low reverse leakage, etc. The UTC RS1002FL is suitable for surface mounted applications. FEATURES * Fast switching * Low profile package * Low reverse leakage SYMBOL SOD-123F ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 RS1002FLK-CA2F-R RS1002FLG-CA2F-R SOD-123F K A Tape Reel Note: Pin Assignment: A: Anode, K: Cathode MARKING INFORMATION PACKAGE MARKING SOD-123F |
Số phần tương tự - RS1002FLK-CA2F-R |
|
Mô tả tương tự - RS1002FLK-CA2F-R |