| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NATT331M50V16X17JLSF bảng dữ liệu(PDF) 2 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NATT331M50V16X17JLSF bảng dữ liệu(HTML) 2 Page - NIC-Components Corp. |
|
2 / 5 page ![]() 2 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Surface Mount Aluminum Electrolytic Capacitors NATT Series NIC Part Number Cap. ( μF) W.V. (Vdc) Dissipaton Factor (Tan δ) Max. Impedance ( Ω) 100KHz, +20°C Max. Ripple Current (mA) +125°C, 100KHz Load Life Hours @ +125°C NATT101M6.3V6.3X6.3NBF 100 6.3 0.30 1.60 70 1,000 NATT221M6.3V6.3X8NBF 220 0.30 0.90 110 1,000 NATT331M6.3V8X10.5NBF 330 0.30 0.40 160 2,000 NATT471M6.3V8X10.5NBF 470 0.30 0.40 160 2,000 NATT681M6.3V10X10.5LBF 680 0.30 0.30 296 2,000 NATT102M6.3V12.5X14KLBF 1000 0.30 0.12 550 2,000 NATT152M6.3V12.5X14KLBF 1500 0.30 0.12 550 2,000 NATT222M6.3V12.5X14KLBF 2200 0.30 0.12 550 2,000 NATT332M6.3V16X17JLSF 3300 0.30 0.08 900 2,000 NATT472M6.3V16X17JLSF 4700 0.30 0.08 900 2,000 NATT470M10V6.3X6.3NBF 47 10 0.24 1.60 70 1,000 NATT101M10V6.3X8NBF 100 0.24 0.90 110 1,000 NATT221M10V6.3X8NBF 220 0.24 0.90 110 1,000 NATT221M10V8X10.5NBF 220 0.24 0.40 160 2,000 NATT331M10V8X10.5NBF 330 0.24 0.40 160 2,000 NATT471M10V10X10.5LBF 470 0.24 0.30 296 2,000 NATT681M10V12.5X14KLBF 680 0.24 0.12 550 2,000 NATT102M10V12.5X14KLBF 1000 0.24 0.12 550 2,000 NATT152M10V12.5X14KLBF 1500 0.24 0.12 550 2,000 NATT222M10V16X17JLSF 2200 0.24 0.08 900 2,000 NATT332M10V16X17JLSF 3300 0.24 0.08 900 2,000 NATT470M16V6.3X6.3NBF 47 16 0.20 1.60 70 1,000 NATT101M16V6.3X8NBF 100 0.20 0.90 110 1,000 NATT101M16V8X10.5NBF 100 0.20 0.40 160 2,000 NATT221M16V8X10.5NBF 220 0.20 0.40 160 2,000 NATT331M16V10X10.5LBF 330 0.20 0.30 296 2,000 NATT471M16V12.5X14KLBF 470 0.20 0.12 550 2,000 NATT681M16V12.5X14KLBF 680 0.20 0.12 550 2,000 NATT102M16V12.5X14KLBF 1000 0.20 0.12 550 2,000 NATT152M16V16X17JLSF 1500 0.20 0.08 900 2,000 NATT222M16V16X17JLSF 2200 0.20 0.08 900 2,000 NATT330M25V6.3X6.3NBF 33 25 0.16 1.60 70 1,000 NATT470M25V6.3X8NBF 47 0.16 0.90 110 1,000 NATT101M25V6.3X8NBF 100 0.16 0.90 110 1,000 NATT101M25V8X10.5NBF 100 0.16 0.40 160 2,000 NATT221M25V8X10.5NBF 220 0.16 0.40 160 2,000 NATT221M25V10X10.5LBF 220 0.16 0.30 296 2,000 NATT331M25V10X10.5LBF 330 0.16 0.30 296 2,000 NATT331M25V12.5X14KLBF 330 0.16 0.12 550 2,000 NATT471M25V12.5X14KLBF 470 0.16 0.12 550 2,000 NATT681M25V12.5X14KLBF 680 0.16 0.12 550 2,000 NATT102M25V16X17JLSF 1000 0.16 0.08 900 2,000 NATT152M25V16X17JLSF 1500 0.16 0.08 900 2,000 NATT4R7M35V6.3X6.3NBF 4.7 35 0.14 2.00 60 1,000 NATT100M35V6.3X6.3NBF 10 0.14 1.60 70 1,000 NATT220M35V6.3X6.3NBF 22 0.14 1.60 70 1,000 NATT330M35V6.3X8NBF 33 0.14 0.90 110 1,000 NATT470M35V6.3X8NBF 47 0.14 0.90 110 1,000 NATT470M35V8X10.5NBF 47 0.14 0.40 160 2,000 NATT101M35V8X10.5NBF 100 0.14 0.40 160 2,000 NATT101M35V10X10.5LBF 100 0.14 0.30 296 2,000 NATT221M35V10X10.5LBF 220 0.14 0.30 296 2,000 NATT221M35V12.5X14KLBF 220 0.14 0.12 550 2,000 NATT331M35V12.5X14KLBF 330 0.14 0.12 550 2,000 NATT471M35V12.5X14KLBF 470 0.14 0.12 550 2,000 NATT471M35V16X17JLSF 470 0.14 0.08 900 2,000 NATT681M35V16X17JLSF 680 0.14 0.08 900 2,000 NATT102M35V16X17JLSF 1000 0.14 0.08 900 2,000 STANDARD VALUES, CASE SIZES AND SPECIFICATIONS For Automotive Equipment, see part number system |