| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFB0912H bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AFB0912H bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() 32 http://www.deltaww.com AFB 92 x 92 x 25.4 MM SERIES OUTLET SIDE INLET SIDE mm (INCH) UNIT: UNIT : (INCH) mm (3.6226 0.020) 82.5 0.3 (3.248 0.012) 92.0 0.5 8- 4.5 0.3 (8- 0.177 0.012) LABEL 310.0 10.0 (12.205 0.394) (0.394) 10.0 (2-0.157 0.012) (1.000 0.020) 2-4.0 0.3 25.4 0.5 VH H HH L M SH (M /MIN) (CFM) 1.2 Air Flow 0.6 0 0 24.0 10.0 5.0 7.5 2.5 0.2 0.1 0 0 0.3 0.4 3 2.4 1.8 48.0 72.0 3.0 96.0 AFB0912/24X-A 15.0 12.5 0.5 0.6 82.5 88.4 (3.480) (3.248) (4- 0.177) 4- 4.5 82.5 88.4 (3.480) (3.248) (4- 0.177) 4- 4.5 AFB 92 x 92 x 25.4 MM SERIES * Bearing Type Ball Bearings * Material Impeller & Frame : Plastic (UL 94V-0) * Lead Wires : UL 1007 AWG #24 OR Equivalent Red Wire Positive (+) Black Wire Negative (-) * Weight : 120g (4.23 oz) ■ DIMENSIONS DRAWING ■ P & Q CURVE (AT RATED VOLTAGE) ■ MOUNTING PANEL CUTOUT MODEL Rated Voltage Operating Voltage Range Input Current Input Power Speed Maximum Air Flow Maximum Air Pressure Noise PART NO. REV. FUNCTION VDC VDC Amp Watt R.P.M. m3 /min CFM mmH2O IN H2O dB-A AFB0912L -A -R00/-F00 12 5.0 to 13.8 0.10 1.20 1800 1.055 37.25 2.05 0.080 25.0 AFB0924L -A -R00/-F00 24 14.0 to 26.4 0.08 1.92 AFB0912M -A -R00/-F00 12 5.0 to 13.8 0.12 1.44 2300 1.402 49.51 3.38 0.133 31.5 AFB0924M -A -R00/-F00 24 14.0 to 26.4 0.10 2.40 AFB0912H -A -R00/-F00 12 5.0 to 13.8 0.21 2.52 2800 1.696 59.89 4.86 0.191 37.0 AFB0924H -A -R00/-F00 24 14.0 to 26.4 0.12 2.88 AFB0912HH -A -R00/-F00 12 5.0 to 13.8 0.32 3.84 3300 2.060 72.74 6.65 0.262 42.5 AFB0924HH -A -R00/-F00 24 14.0 to 26.4 0.18 4.32 AFB0912VH -A -R00/-F00 12 5.0 to 12.6 0.40 4.80 3800 2.307 81.47 8.76 0.345 46.0 AFB0924VH -A -R00/-F00 24 14.0 to 26.4 0.25 6.00 AFB0912SH -A -R00/-F00 12 5.0 to 12.6 0.75 9.00 4800 2.905 102.59 13.35 0.526 53.0 AFB0924SH -A -R00/-F00 24 14.0 to 26.4 0.40 9.60 * Function type is optional. * The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow. * Noise is measured in anechoic chamber in free air, one meter from intake side. * All readings are typical values at rated voltage. * Specifications are subject to change without notice. |