| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLA190STR bảng dữ liệu(PDF) 4 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
PLA190STR bảng dữ liệu(HTML) 4 Page - Clare, Inc. |
|
4 / 6 page ![]() www.clare.com 4 PLA190 R1 PERFORMANCE DATA* *The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department. PLA190 Typical LED Forward Voltage Drop vs. Temperature Temperature ( °C) 1.8 1.6 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 120 100 50mA 10mA 5mA PLA190 Typical Turn-On vs. LED Forward Current (Load Current = 150mADC) Forward Current (mA) 0 5 1015202530354045 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 50 PLA190 Typical Turn-Off vs. LED Forward Current (Load Current = 150mADC) Forward Current (mA) 0 5 1015202530354045 0.12 0.10 0.08 0.06 0.04 0.02 0 50 PLA190 Typical IF for Switch Operation vs. Temperature (Load Current = 100mADC) Temperature ( °C) -40 3.000 2.500 2.000 1.500 1.000 0.500 0 -20 0 20 40 60 80 100 PLA190 Typical IF for Switch Dropout vs. Temperature (Load Current = 100mADC) Temperature ( °C) -40 3.000 2.500 2.000 1.500 1.000 0.500 0 -20 0 20 40 60 80 100 PLA190 Typical Load Current vs. Load Voltage (Ambient Temperature = 25 °C) IF = 5mADC Load Voltage (V) 150 100 50 0 -50 -100 -150 -2.5 -2.0 -1.5 -1.0 -0.5 0 1.5 1.0 0.5 2.0 2.5 PLA110 Energy Rating Curve Time 10µs 1.2 1.0 0.8 0.6 0.4 0.2 0 1ms 100µs 100ms 1s 10ms 10s 100s PLA190 PLA190 Typical Turn-On vs. Temperature (Load Current = 100mADC) Temperature ( °C) -40 0.6 0.5 0.4 0.3 0.2 0.1 0 -20 0 20 40 60 80 120 100 5mA 10mA PLA190 Typical Turn-Off vs. Temperature (Load Current = 100mADC) Temperature ( °C) -40 0.3 0.25 0.2 0.15 0.1 0.05 -20 0 20 40 60 80 100 IF=5mA PLA190 Typical Blocking Voltage vs. Temperature Temperature ( °C) -40 480 475 470 465 460 455 450 -20 0 20 40 60 80 100 |