| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MGBR10V45CL-TN3-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MGBR10V45CL-TN3-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MGBR10V45C Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R601-120.a DUAL MOS GATED BARRIER RECTIFIER DESCRIPTION The UTC MGBR10V45C is a dual mos gated barrier rectifiers, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high switching speed, etc. FEATURES * Very low forward voltage drop * High switching speed SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 MGBR10V45CL-TA3-T MGBR10V45CG-TA3-T TO-220 A K A Tube MGBR10V45CL-TN3-T MGBR10V45CG-TN3-T TO-252 A K A Tube MGBR10V45CL-TN3-R MGBR10V45CG-TN3-R TO-252 A K A Tape Reel Note: Pin Assignment: A: Anode K: Common Cathode |
Số phần tương tự - MGBR10V45CL-TN3-R |
|
Mô tả tương tự - MGBR10V45CL-TN3-R |