công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS100 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện GS100
Giải thích chi tiết về linh kiện  Gold Seal Series Public Address Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

GS100 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  GS100 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 4 dedicated microphone inputs
(XLR connectors)
• 1 selectable Mic/Tel input
• 1 selectable Mic/Aux input
• 1 dedicated Aux input
• 4-ohm direct coupled output
• 8-ohm, 25V, 25VCT, and 70V transformer-
coupled outputs
• 2 rack spaces
• Dual-function, 10-band graphic equalizer (Acoustic
EQ/Feedback Control)
• True loudness contour function
• Aphex® Aural Exciter for improved
intelligibility
• Switchable phantom power supply
• Variable Aux input muting
• Remote master volume control
capability
• Input muting via contact on all inputs
• Voice activated aux muting on Tel input
• Aux fade back after Tel page
• Pre-amp out/Power amp in connections
• Booster amp output connection
• Tape output connection
• Balanced line driver output
(using WMT1A accessory)
• Low-cut filter for Mic channels
• Tamper-resistant front cover available (GSTRC)
• Rack mounting kit available (GSRPK)
• Remote volume control available (GSRVC)
The Gold Seal Series amplifiers are designed to meet the rigorous requirements of today’s sophisticated sound
systems.They combine unique and useable features with ultra high reliability and professional performance.
The amplifiers are available in 35, 60, 100 and 150 watt models, each with exactly the same features to provide
power and performance no matter how large or small the application.
The Bogen Gold Seal Series amplifiers are an extraordinary addition to Bogen's line of quality audio amplifiers.
Designed with the sound contractor in mind, they provide unparalleled flexibility and versatility, without the
need for add-on modules.
In addition to its extensive flexibility, the Gold Seal Series amplifiers offer a combination of features not found
in other commercial amplifiers.
Features
Description
Gold Seal Series
Public Address
Amplifiers
Models GS35, GS60,
GS100 & GS150
Specifications subject to change without notice.
© 1998 Bogen Communications, Inc.
Part No. 54-7874-02C Printed in U.S.A. 0303
Aphex Aural Exciter is a trademark of Aphex Systems, Ltd.


Số phần tương tự - GS100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MTU Onsite Energy Corpo...
GS100-6S MTU-GS100-6S Datasheet
546Kb / 4P
GAS GENERATOR SET
logo
SUNMATE electronic Co.,...
GS1000F SUNMATE-GS1000F Datasheet
352Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Pan Jit International I...
GS1000FL PANJIT-GS1000FL Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
GS1000FL PANJIT-GS1000FL Datasheet
132Kb / 3P
SURFACE GENERAL PURPOSE RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
GS1000FL YENYO-GS1000FL Datasheet
234Kb / 2P
1.0A General Purpose Rectifier
More results

Mô tả tương tự - GS100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
XLM-PC ITT-XLM-PC Datasheet
68Kb / 1P
Broadcasting Equipment Public Address (PA) System
logo
List of Unclassifed Man...
FA11250 ETC2-FA11250 Datasheet
37Kb / 1P
Public Address Power Amplifiers
logo
ATMEL Corporation
ATVAULTIC460 ATMEL-ATVAULTIC460 Datasheet
830Kb / 30P
Public Key Pair Generation
logo
NXP Semiconductors
MF1ICS70 NXP-MF1ICS70_10 Datasheet
334Kb / 20P
Functional specification Public transportation
Rev. 4.4-25 November 2010
MF1ICS50 NXP-MF1ICS50_10 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
logo
Freescale Semiconductor...
MPC8315VRAGDA FREESCALE-MPC8315VRAGDA Datasheet
667Kb / 106P
Public key execution unit (PKEU)
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
Public safety
logo
Pulse A Technitrol Comp...
PSIBVHF PULSE-PSIBVHF Datasheet
1Mb / 10P
In Building Public Safety Antenna
PSIBVU78 PULSE-PSIBVU78 Datasheet
1Mb / 11P
In Building Public Safety Antenna
PSUTWCNF PULSE-PSUTWCNF Datasheet
1Mb / 11P
In Building Public Safety
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com