| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P3500EB bảng dữ liệu(PDF) 3 Page - HuaXinAn Electronics CO.,LTD |
|
|
|||||||||||||||||||||||||||||
P3500EB bảng dữ liệu(HTML) 3 Page - HuaXinAn Electronics CO.,LTD |
|
3 / 7 page ![]() ShenZhen HuaXinAn Electronics Co.,Ltd (SIDACtor Protection Thyristors ) Electrical Characteristics continued Part Number Marking VDRM @IDRM=5μA VS @100V/ μs IH IS IT VT @IT=2.2Amps Capacitance @1MHz,2V bias V min V max mA min mA max A max Vmax pF P2300EBL P2300EB 190 260 150 800 2.2 4 50 P2600EBL P2600EB 220 300 150 800 2.2 4 45 P3100EBL P3100EB 275 350 150 800 2.2 4 45 P3500EBL P3500EB 320 400 150 800 2.2 4 40 P0080ECL P0080EC 6 25 50 800 2.2 4 70 P0300ECL P0300EC 25 40 50 800 2.2 4 65 P0640ECL P0640EC 58 77 150 800 2.2 4 55 P0720ECL P0720EC 65 88 150 800 2.2 4 60 P0900ECL P0900EC 75 98 150 800 2.2 4 65 P1100ECL P1100EC 90 130 150 800 2.2 4 55 P1300ECL P1300EC 120 160 150 800 2.2 4 60 P1500ECL P1500EC 140 180 150 800 2.2 4 50 P1800ECL P1800EC 170 220 150 800 2.2 4 55 P2100ECL P2100EC 180 240 150 800 2.2 4 85 P2300ECL P2300EC 190 260 150 800 2.2 4 65 P2600ECL P2600EC 220 300 150 800 2.2 4 65 P3100ECL P3100EC 275 350 150 800 2.2 4 55 P3500ECL P3500EC 320 400 150 800 2.2 4 50 Notes: -All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature range . -Off-state capacitance(Co) is typical value. *For surge ratings,see next page. 3 Revised:February 25,2014 www.huaandz.com |