| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACS108 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ACS108 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 13 page ![]() DocID6518 Rev 5 3/13 ACS108 Characteristics 13 Table 4. Static electrical characteristics Symbol Parameter and test conditions Value Unit VTM (1) ITM = 1.1 A, tp = 500 µs Tj = 25 °C Max. 1.3 V Vt0 (1) Threshold voltage Tj = 125 °C Max. 0.85 V RD (1) Dynamic resistance Tj = 125 °C Max. 300 m IDRM IRRM VOUT = VDRM = VRRM Tj = 25 °C Max. 2µA Tj = 125 °C 0.2 mA 1. For both polarities of OUT referenced to COM Table 5. Thermal resistance Symbol Parameter Value Unit Rth (j-l) Junction to lead (AC) TO-92 Max. 60 °C/W Rth (j-t) Junction to tab (AC) SOT-223 Max. 25 Rth (j-a) Junction to ambient TO-92 Max. 150 S = 5 cm² SOT-223 Max. 60 Figure 2. Maximum power dissipation versus on-state rms current Figure 3. On-state rms current versus case temperature (SOT223) P (W) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 α = 180° I (A) T(RMS) 180° I (A) T(RMS) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0 25 50 75 100 125 a =180° SOT-223 T°C C |