công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LCA710STR bảng dữ liệu(PDF) 4 Page - Clare, Inc.

tên linh kiện LCA710STR
Giải thích chi tiết về linh kiện  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARE [Clare, Inc.]
Trang chủ  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA710STR bảng dữ liệu(HTML) 4 Page - Clare, Inc.

  LCA710STR Datasheet HTML 1Page - Clare, Inc. LCA710STR Datasheet HTML 2Page - Clare, Inc. LCA710STR Datasheet HTML 3Page - Clare, Inc. LCA710STR Datasheet HTML 4Page - Clare, Inc. LCA710STR Datasheet HTML 5Page - Clare, Inc. LCA710STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA710
Rev. 3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCA710
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
LCA710
Typical Turn-On vs.LED Forward Current
(Load Current = 1ADC)
Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
LCA710
Typical Turn-Off vs. LED Forward Current
(Load Current = 1ADC)
LED Forward Current (mA)
0
5
1015202530354045
0.090
0.080
0.070
0.060
0.050
0.040
0.030
0.020
0.010
0
50
LCA710
Typical On-Resistance vs. Temperature
(Load Current = 1ADC; IF = 10mADC)
Temperature (
°C)
-40
0.450
0.400
0.350
0.300
0.250
0.200
0.150
0.100
0.050
0
-20
0
20
40
60
80
100
LCA710
Typical IF for Switch Operation
vs. Temperature
(Load Current = 1ADC)
Temperature (
°C)
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA710
Typical IF for Switch Dropoff vs. Temperature
(Load Current = 1ADC)
Temperature (
°C)
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA710
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 10mADC
Load Voltage (V)
1000
800
600
400
200
0
-200
-400
-600
-800
-1000
-0.3
-0.2
-0.1
0.1
0.2
0
0.3
LCA710
Energy Rating Curve
Time
8
7
6
5
4
3
2
1
0
10
µs
1ms
100ms
10s
100
µs
10ms
1s
100s



Html Pages

1 2 3 4 5 6