| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5KP40C bảng dữ liệu(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
5KP40C bảng dữ liệu(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
1 / 4 page ![]() Glass passivated chip low leakage Uni and bidirectional unit Excellent clamping capability Plastic material has UL recognition 94V-0 Fast response time Case : Molded Plastic Marking : Unidirectional -type number and cathode band Bidirectional-type number only Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL UNIT Peak Power Dissipation at TA=25℃ TP=1ms (NOTE1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Steady State Power Dissipation at TL=75℃ Lead Lengths 0.375"(9.5mm),See Fig. 4 Maximum Instantaneous Forward Voltage at 100A for Unidirectional Devices Only (NOTE2) Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ POWER DISSIPATION - 5000 Watts VALUE 3. VF=3.5V on 5KP5.0 thru 5KP100A devices and VF=5.0V on 5KP110 thru 5KP180 devices. NOTES:1. Non-repetitive current pulse ,per Fig. 5 and derated above TA=25℃ per Fig. 1 . 2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only). VF -55 to + 150 -55 to + 175 See NOTE 3 Minimum 5000 WATTS PPK AMPS IFSM 500 WATTS PM(AV) 8.0 VOLTS 1.0(25.4) 5KP Series TVS Transient Voltage Suppressor Dimensions in inches and (millimeters) R-6 Features Mechanical Data Maximum Ratings and Electrical Characteristics http://www.luguang.cn mail:lge@luguang.cn |
Số phần tương tự - 5KP40C |
|
Mô tả tương tự - 5KP40C |