| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECOS1AA103BA bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS1AA103BA bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 7 page ![]() Panasonic Industrial Company Aluminum Electrolytic Capacitors 38 Design and specifications are subject to change without notice. Contact the factory or your sales representative for technical specifications before purchase and/or use. When safety concerns arise, please contact Panasonic immediately for technical consultation. TS-HA Standard Ratings Cap. (µF) 120Hz 10kHz~ 120Hz 20kHz 0000 22 x 25 .80 2.07 0.075 0.063 2000 22 x 30 2.20 2.53 0.062 0.053 5000 22 x 35 2.30 2.65 0.053 0.045 25 x 25 2.30 2.65 0.053 0.045 8000 22 x 40 2.40 2.76 0.044 0.038 25 x 30 2.40 2.76 0.044 0.038 22000 22 x 45 2.60 2.99 0.038 0.032 25 x 35 2.60 2.99 0.038 0.032 30 x 25 2.60 2.99 0.038 0.032 27000 22 x 50 3. 0 3.57 0.033 0.028 25 x 40 3. 0 3.57 0.033 0.028 30 x 30 3. 0 3.57 0.033 0.028 35 x 25 3. 0 3.57 0.033 0.028 33000 25 x 45 3.40 3.9 0.027 0.023 30 x 35 3.40 3.9 0.027 0.023 35 x 30 3.40 3.9 0.027 0.023 39000 25 x 50 3.70 4.26 0.025 0.02 30 x 40 3.70 4.26 0.025 0.02 35 x 30 3.70 4.26 0.025 0.02 47000 30 x 45 4.20 4.83 0.023 0.020 35 x 35 4.20 4.83 0.023 0.020 56000 30 x 50 5.00 5.75 0.022 0.0 9 35 x 40 5.00 5.75 0.022 0.02 68000 35 x 50 5.50 6.33 0.02 0.020 3300 22 x 20 .30 .50 0.2 60. 73 4700 25 x 20 .60 .84 0. 52 0. 2 6800 22 x 25 2.20 2.53 0.085 0.068 30 x 20 .80 2.07 0. 05 0.084 8200 22 x 30 2.40 2.76 0.07 0.057 0000 22 x 30 2.60 2.99 0.066 0.053 25 x 25 2.60 2.99 0.066 0.053 35 x 20 2.40 2.76 0.07 0.057 2000 22 x 35 2.90 3.34 0.055 0.044 25 x 30 2.90 3.34 0.055 0.044 30 x 25 2.90 3.34 0.055 0.044 5000 22 x 40 3.20 3.68 0.046 0.037 25 x 35 3.20 3.68 0.046 0.037 30 x 30 3.20 3.68 0.046 0.037 8000 22 x 45 3.50 4.03 0.040 0.034 25 x 40 3.50 4.03 0.040 0.034 30 x 30 3.50 4.03 0.040 0.034 35 x 25 3.50 4.03 0.040 0.034 22000 25 x 45 3.80 4.37 0.033 0.028 30 x 35 3.80 4.37 0.033 0.028 35 x 30 3.80 4.37 0.033 0.028 27000 25 x 50 4.20 4.83 0.028 0.025 30 x 40 4.20 4.83 0.028 0.025 35 x 30 4.20 4.83 0.028 0.025 33000 30 x 45 4.70 5.4 0.023 0.020 35 x 35 4.70 5.4 0.023 0.020 39000 30 x 50 5. 0 5.87 0.022 0.020 35 x 40 5. 0 5.87 0.022 0.020 47000 35 x 45 5.50 6.33 0.020 0.0 8 56000 35 x 50 6.00 6.90 0.0 90.0 7 2200 22 x 20 .30 .50 0.24 0. 8 3300 25 x 20 .60 .84 0. 6 0. 2 4700 22 x 25 2.00 2.30 0. 06 0.079 30 x 20 .80 2.07 0. 3 0.085 5600 22 x 30 2.20 2.53 0.089 0.067 6800 22 x 30 2.40 2.76 0.073 0.055 25 x 25 2.40 2.76 0.073 0.055 35 x 20 2.30 2.65 0.080 0.060 ECOS1EA682CA ECOS1EA682EL ECOS1EA472DL ECOS1EA562BA ECOS1EA682BA ECEC1AA223CA ECOS1AA153CA ECOS1AA183BA ECOS1AA223BA 20°C ESR ( , max.) ECEC1AA393EA 16 VDC Working, 20 VDC Surge ECEC1AA273EA ECEC1AA333CA ECOS1AA683EA ECOS1AA563DA ECOS1AA393DA ECOS1AA393EA ECOS1AA333CA ECOS1AA333DA ECOS1AA333EA ECOS1AA393CA ECOS1CA473EA ECEC1CA473EA ECEC1EA682EL ECOS1CA103BA ECOS1CA103CA ECOS1CA103EL ECOS1CA123BA ECOS1CA123CA ECOS1CA123DA ECOS1CA183EA ECOS1CA223CA ECOS1CA153CA ECOS1CA153DA ECOS1CA183BA ECOS1CA183CA ECOS1CA183DA Max 105°C R.C. (Arms) 10 VDC Working, 3 VDC Surge ECOS1AA153BA ECOS1AA473EA ECEC1AA333DA ECEC1AA333EA ECOS1AA273CA ECOS1AA273DA ECOS1AA273EA ECOS1AA183CA ECEC1AA183CA Part numbers shown with 2 pins ECEC1AA223BA ECEC1AA183BA 6.3mm Length Terminal Panasonic Part Number (By Terminal Length) 4.0mm Length Terminal Size (mm) D x L ECEC1AA273DA ECOS1AA223CA ECOS1AA223DA ECOS1AA273BA ECOS1AA103BA ECOS1AA123BA ECOS1CA332BL ECEC1AA473EA ECEC1AA473DA ECEC1CA332BL ECOS1AA563EA ECOS1AA473DA ECEC1AA103BA ECEC1AA123BA ECEC1AA153BA ECEC1AA153CA ECEC1AA223DA ECEC1AA273BA ECEC1AA273CA ECEC1CA682DL ECEC1CA682BA ECEC1CA822BA ECEC1EA222BL ECEC1CA153DA ECEC1CA183EA ECEC1CA223CA ECEC1CA223DA ECEC1CA223EA ECEC1CA273CA ECEC1EA332CL ECEC1EA472BA ECEC1EA472DL ECEC1EA562BA ECOS1EA472BA ECOS1EA332CL ECEC1EA682BA ECOS1CA563EA 25 VDC Working, 32 VDC Surge ECEC1EA682CA ECOS1CA472CL ECOS1CA682DL ECOS1CA822BA ECOS1CA682BA ECOS1CA273EA ECOS1CA333DA ECOS1CA333EA ECOS1CA223DA ECOS1CA223EA ECOS1CA273CA ECOS1CA273DA ECEC1CA123CA ECEC1CA123DA ECEC1CA153BA ECEC1CA153CA ECEC1CA183BA ECEC1CA183CA ECEC1CA183DA ECOS1CA153BA ECEC1AA393CA ECEC1AA393DA ECEC1CA472CL ECEC1CA123BA ECEC1AA563DA ECEC1AA683EA ECEC1AA563EA ECEC1CA103CA ECEC1CA103EL ECEC1CA103BA ECEC1CA273DA ECEC1CA273EA ECEC1CA333DA ECEC1CA333EA ECEC1CA393DA ECEC1CA393EA ECOS1CA393EA ECOS1CA393DA ECEC1CA563EA ECOS1EA222BL |