công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EZACT bảng dữ liệu(PDF) 7 Page - Panasonic Semiconductor

tên linh kiện EZACT
Giải thích chi tiết về linh kiện  Chip RC Networks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZACT bảng dữ liệu(HTML) 7 Page - Panasonic Semiconductor

  EZACT Datasheet HTML 1Page - Panasonic Semiconductor EZACT Datasheet HTML 2Page - Panasonic Semiconductor EZACT Datasheet HTML 3Page - Panasonic Semiconductor EZACT Datasheet HTML 4Page - Panasonic Semiconductor EZACT Datasheet HTML 5Page - Panasonic Semiconductor EZACT Datasheet HTML 6Page - Panasonic Semiconductor EZACT Datasheet HTML 7Page - Panasonic Semiconductor EZACT Datasheet HTML 8Page - Panasonic Semiconductor EZACT Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
GND
c
f2
b
P
Land pattern
Solder resistant
GND
f2
P
c db
Land pattern
Land pattern
P
b
g
c
g
c
P
b
Land pattern
h
g
c
P
b
Land pattern
■ Recommended Land Pattern Design
●EZAST/SS
●EZACT
●EZASTB/SSB
●EZANT
• Design to make GND pattern as large as possible, because high
frequency noise is removed from GND terminals of chip RC network.
abcd
Dimensions
(mm)
1.2 to 1.4
0.4
3.1 to 3.3
0.4 to 0.5
ef1
f2
P
Dimensions
(mm)
0.8
2.9 to 3.3
4.8 to 5.2
0.8
abcd
Dimensions
(mm)
0.75
0.25
1.70
0.35
eh
g
P
Dimensions
(mm)
1.85
2.60
0.25
0.60
abcd
Dimensions
(mm)
1.4 to 1.6
0.35
0.45
0.3
f1
f2
P
Dimensions
(mm)
2.7 to 3.5
3.8
0.65
abcd
Dimensions
(mm)
2.3 to 2.5
0.4 to 0.6
5.6 to 5.8
0.4 to 0.8
fg
P
Dimensions
(mm)
4.3 to 4.7
7.6 to 8.0
1.27
●EZADT
abcd
Dimensions
(mm)
0.9 to 1.1
0.2 to 0.3
2.6 to 2.8
0.3 to 0.4
fg
P
Dimensions
(mm)
2.0 to 2.6
3.6 to 4.2
0.635
Feb. 2006



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com