công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC1943G bảng dữ liệu(PDF) 2 Page - Clare, Inc.

tên linh kiện CPC1943G
Giải thích chi tiết về linh kiện  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARE [Clare, Inc.]
Trang chủ  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1943G bảng dữ liệu(HTML) 2 Page - Clare, Inc.

  CPC1943G Datasheet HTML 1Page - Clare, Inc. CPC1943G Datasheet HTML 2Page - Clare, Inc. CPC1943G Datasheet HTML 3Page - Clare, Inc. CPC1943G Datasheet HTML 4Page - Clare, Inc. CPC1943G Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
CPC1943G
R1
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Operating Voltage Range
V
T
-
20
-
240
V
RMS
Peak Blocking Voltage
-
V
DRM
-
-
400
V
Load Current (Continuous)
V
L=120-240VAC
IL
0.005
-
0.5
A
Off State Leakage Current
V
DRM
I
LEAK
--
1
mA
On-State Voltage Drop
-
-
-
1.2
V
RMS
Critical Rate of Rise
-
dv/dt
500
-
-
V/µS
Switching Speeds
Turn-on
I
F=5 mA
T
ON
-
-
0.5
cycles
Turn-off
I
F=5 mA
T
OFF
-
-
0.5
cycles
Zero-Cross Turn-On Voltage
1st half cycle
-
2
5
V
Sub. half cycle
-
-
1
V
Operating Frequency1
-
20
-
500
Hz
Load Power Factor for
Guaranteed Turn-On2
-
PF
0.25
-
-
-
Input Characteristics @ 25°C
Input Control Current
For Normal Environment
-
I
F
5-
50
mA
For High Noise Environment
-
I
F
10
-
100
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Drop-out Voltage
-
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
--
10
uA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
PF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
1 Zero Cross 1st half cycle @ <100Hz
2 Snubber circuits may be required at low power factors.
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Package Dissipation
PM
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mW/˚C
2 Derate Linearly 6.67 mW/˚C



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com