| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS494502 bảng dữ liệu(PDF) 94 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS494502 bảng dữ liệu(HTML) 94 Page - Cirrus Logic |
|
94 / 100 page ![]() 94 HDATA7, GPIO7 — DSPC Bidirectional Data Bus, General Purpose I/O HDATA6, GPIO6 HDATA5, GPIO5 HDATA4, GPIO4 HDATA3, GPIO3 HDATA2, GPIO2 HDATA1, GPIO1 HDATA0, GPIO0 In parallel host mode, these pins provide a bidirectional data bus. These pins can also act as general purpose input or output pins that can be individually configured and controlled by DSPC. These pins have an internal pull-up. BIDIRECTIONAL - Default: INPUT A0, GPIO13 — Host Parallel Address Bit 0, General Purpose I/O In parallel host mode, this pin serves as the LS Bit of a two bit address input used to select one of four parallel registers. This pin can act as a general-purpose input or output that can be individually configured and controlled by DSPC. BIDIRECTIONAL - Default: INPUT A1, GPIO12 — Host Address Bit 1, General Purpose I/O In parallel host mode, this pin serves as the MS Bit of a two bit address input used to select one of four parallel registers. This pin can act as a general-purpose input or output that can be individually configured and controlled by DSPC. BIDIRECTIONAL - Default: INPUT RD,R/W,GPIO11 — Host Parallel Output Enable, Host Parallel R/W, General Purpose I/O In Intel parallel host mode, this pin serves as the active-low data bus enable input. In Motorola parallel host mode, this pin serves as the read-high/write-low control input signal. This pin can act as a general-purpose input or output that can be individually configured and controlled by DSPC. This pin has an internal pull-up. BIDIRECTIONAL - Default: INPUT WR,DS,GPIO10 — Host Write Strobe, Host Data Strobe, General Purpose I/O In Intel parallel host mode, this pin serves as the active-low data bus enable input. In Motorola parallel host mode, this pin serves as the read-high/write-low control input signal. In serial host mode, this pin can serve as a general purpose input or output bit. This pin can act as a general-purpose input or output that can be individually configured and controlled by DSPC. This pin has an internal pull-up. BIDIRECTIONAL - Default: INPUT CS,GPIO9 — Host Parallel Chip Select, General Purpose I/O In parallel host mode, this pin serves as the active-low chip-select input signal. This pin can act as a general-purpose input or output that can be individually configured and controlled by DSPC. This pin has an internal pull-up. BIDIRECTIONAL - Default: INPUT |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |