| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS49312 bảng dữ liệu(PDF) 81 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49312 bảng dữ liệu(HTML) 81 Page - Cirrus Logic |
|
81 / 86 page ![]() CS49300 Family DSP DS339PP4 81 CLKSEL—DSP Clock Select: Pin 31 This pin selects the clock mode of the CS493XX. When CLKSEL is low, CLKIN is connected to the internal PLL from which all internal clocks are derived. When CLKSEL is high CLKIN is connected to the DSP clock. INPUT DATA7, EMAD7, GPIO7—Pin 8 DATA6, EMAD6, GPIO6—Pin 9 DATA5, EMAD5, GPIO5—Pin 10 DATA4, EMAD4, GPIO4—Pin 11 DATA3, EMAD3, GPIO3—Pin 14 DATA2, EMAD2, GPIO2—Pin 15 DATA1, EMAD1, GPIO1—Pin 16 DATA0, EMAD0, GPIO0—Pin 17 In parallel host mode, these pins provide a bidirectional data bus. If a serial host mode is selected, these pins can provide a multiplexed address and data bus for connecting an 8-bit external memory. Otherwise, in serial host mode, these pins can act as general-purpose input or output pins that can be individually configured and controlled by the DSP. BIDIRECTIONAL - Default: INPUT A0, SCCLK—Host Parallel Address Bit Zero or Serial Control Port Clock: Pin 7 In parallel host mode, this pin serves as one of two address input pins used to select one of four parallel registers. In serial host mode, this pin serves as the serial control clock signal, specifically as the SPI clock input or the I2C clock input. INPUT A1, SCDIN—Host Address Bit One or SPI Serial Control Data Input: Pin 6 In parallel host mode, this pin serves as one of two address input pins used to select one of four parallel registers. In SPI serial host mode, this pin serves as the data input. INPUT RD, R/W, EMOE, GPIO11—Host Parallel Output Enable or Host Parallel R/W or External Memory Output Enable or General Purpose Input & Output Number 11: Pin 5 In Intel parallel host mode, this pin serves as the active-low data bus enable input. In Motorola parallel host mode, this pin serves as the read-high/write-low control input signal. In serial host mode, this pin can serve as the external memory active-low data-enable output signal. Also in serial host mode, this pin can serve as a general purpose input or output bit. BIDIRECTIONAL - Default: INPUT WR, DS, EMWR, GPIO10—Host Write Strobe or Host Data Strobe or External Memory Write Enable or General Purpose Input & Output Number 10: Pin 4 In Intel parallel host mode, this pin serves as the active-low data-write-input strobe. In Motorola parallel host mode, this pin serves as the active-low data-strobe-input signal. In serial host mode, this pin can serve as the external-memory active-low write-enable output signal. Also in serial host mode, this pin can serve as a general purpose input or output bit. BIDIRECTIONAL - Default: INPUT |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |