| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS43L42 bảng dữ liệu(PDF) 36 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L42 bảng dữ liệu(HTML) 36 Page - Cirrus Logic |
|
36 / 40 page ![]() CS43L42 36 DS481PP2 Figure 25. CS43L42 Control Port Mode - Serial Audio Format 6 LR C K SCL K Left C hann e l R ight C h an nel SD A T A 6 5 4 321 0 98 7 15 14 13 12 11 10 10 6 5 4 321 0 98 7 15 14 13 12 11 10 17 16 17 16 32 clocks Internal SCLK Mode External SCLK Mode Right Justified, 18-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192 Right Justified, 18-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 36 Cycles per LRCK Period LR C K SC L K Le ft C ha n nel Rig h t Cha n nel SD A T A +3 +2 +1 LSB +5 +4 MSB -1 -2 -3 -4 -5 +3 +2 +1 LSB +5 +4 MSB -1 -2 -3 -4 Internal SCLK Mode External SCLK Mode I2S, Up to 24-Bit data and INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 I2S, Up to 24-Bit data and INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192 I2S, up to 24-Bit Data Data Valid on Rising Edge of SCLK Figure 26. CS43L42 Stand Alone Mode - Serial Audio Format 0 Figure 27. CS43L42 Stand Alone Mode - Serial Audio Format 1 LR C K SC L K Left C h a n n e l R igh t C h ann e l SD A T A +3 +2 +1 LS B +5 +4 MSB -1 -2 -3 -4 -5 +3 +2 +1 LS B +5 +4 MS B -1 -2 -3 -4 Internal SCLK Mode External SCLK Mode Left Justified, up to 24-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192 Left Justified, up to 24-Bit Data Data Valid on Rising Edge of SCLK |