| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M93C76-R bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C76-R bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 33 page ![]() Instructions M93C86-x M93C76-R M93C66-x M93C56-x M93C46-x 12/33 DocID4997 Rev 15 Table 5. Instruction set for the M93C56 and M93C66 Instruction Description Start bit Op- cod e x8 origination (ORG = 0) x16 origination (ORG = 1) Address (1) (2) Data Required clock cycles Address (1) (3) Data Required clock cycles READ Read Data from Memory 1 10 A8-A0 Q7- Q0 -A7-A0 Q15- Q0 - WRITE Write Data to Memory 1 01 A8-A0 D7- D0 20 A7-A0 D15-D0 27 WEN Write Enable 1 00 1 1XXX XXXX -12 11XX XXXX -11 WDS Write Disable 1 00 0 0XXX XXXX -12 00XX XXXX -11 ERASE Erase Byte or Word 1 11 A8-A0 - 12 A7-A0 - 11 ERAL Erase All Memory 1 00 1 0XXX XXXX -12 10XX XXXX -11 WRAL Write All Memory with same Data 100 0 1XXX XXXX D7- D0 20 01XX XXXX D15-D0 27 1. X = Don't Care bit. 2. Address bit A8 is not decoded by the M93C56. 3. Address bit A7 is not decoded by the M93C56. Table 6. Instruction set for the M93C76 and M93C86 Instruction Description Start bit Op- code x8 Origination (ORG = 0) x16 Origination (ORG = 1) Address (1)(2) Data Required clock cycles Address (1) (3) Data Required clock cycles READ Read Data from Memory 1 10 A10-A0 Q7-Q0 - A9-A0 Q15-Q0 - WRITE Write Data to Memory 1 01 A10-A0 D7-D0 22 A9-A0 D15-D0 29 WEN Write Enable 1 00 11X XXXX XXXX -14 11 XXXX XXXX -13 WDS Write Disable 1 00 00X XXXX XXXX -14 00 XXXX XXXX -13 ERASE Erase Byte or Word 1 11 A10-A0 - 14 A9-A0 - 13 ERAL Erase All Memory 1 00 10X XXXX XXXX -14 10 XXXX XXXX -13 WRAL Write All Memory with same Data 100 01X XXXX XXXX D7-D0 22 01 XXXX XXXX D15-D0 29 1. X = Don't Care bit. 2. Address bit A10 is not decoded by the M93C76. 3. Address bit A9 is not decoded by the M93C76. |