| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC1206ML101K bảng dữ liệu(PDF) 8 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC1206ML101K bảng dữ liệu(HTML) 8 Page - Socay Electornics Co., Ltd. |
|
8 / 8 page ![]() Surface Mount Multilayer Varistor Revision November 28, 2013 8 / 8 @SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC0805ML - SC2220ML Series SOCAY Electronics Co., Ltd. www.socay.com Carrier Tape Dimensions Unit: mm Carrier tape transparent cover tape should be heat-sealed to carry the products, and the reel should be used to reel the carrier tape. The adhesion of the heat-sealed cover tape shall be 40+20/-15 grams. Both the head and the end portion of taping shall be empty for reel package and SMT auto-pickup machine. And a normal paper tape shall be connected in the head of taping for the operator handle. Symbol A0 ±0.10 B0 ±0.10 K0 ±0.10 T ±0.05 T1 ±0.05 D0 +0.10 -0.00 D1 ±0.05 P1 ±0.10 P2 ±0.05 P0 ±0.050 W ±0.20 E ±0.10 F ±0.05 0805 1.42 2.30 1.04 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1206 1.88 3.50 1.27 0.20 0.10 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1210 2.18 3.46 1.45 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1812 3.66 4.95 1.74 0.25 0.10 1.50 1.50 8.00 2.00 4.00 12.00 1.75 5.50 2220 5.10 5.97 2.80 0.25 0.10 1.50 1.50 8.00 2.00 4.00 12.00 1.75 5.50 Taping Reel Dimensions Symbol A B C D W W1 0805 178.0 ±1.0 60.0±0.5 13.0±0.2 110.0±0.5 9.0±0.5 1.5 ±0.15 1206 178.0 ±1.0 60.0±0.5 13.0±0.2 110.0±0.5 9.0±0.5 1.5 ±0.15 1210 178.0 ±1.0 60.0±0.5 13.0±0.2 110.0±0.5 9.0±0.5 1.5 ±0.15 1812 178.0 ±1.0 60.0±0.5 13.0±0.2 110.0±0.5 13.6±0.5 1.5±0.15 2220 178.0 ±1.0 60.0±0.5 13.0±0.2 110.0±0.5 13.6±0.5 1.5±0.15 Unit: mm Taping Specifications There Shall be the portion having no product in both the head and the end of taping, and there shall be the cover tape in the heat of taping. Quantity of products in the taping package SIZE EIA (EIAJ) 0805 (2012) 1206 (3216) 1210 (3225) 1812 (4532) 2220 (5750) Standard Packing Quantity (PCS / reel) 3,000 3,000 2,000 1,000 1,000 The contents of a box : 0805 Series: 6 reels / inner box 1206 Series: 6 reels / inner box 1210 Series: 6 reels / inner box 1812 Series: 6 reels / inner box 2220 Series: 6 reels / inner box Label and Marking: The paper label shall be plastered on the obvious side of the reel, and the information show as right side Packaging Information Carrier Tape Cover Tape |