| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC60-030 bảng dữ liệu(PDF) 2 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC60-030 bảng dữ liệu(HTML) 2 Page - Socay Electornics Co., Ltd. |
|
2 / 4 page ![]() Radial Lead Resettable Polymer PTCs Revision February 27, 2014 2 / 4 @ SOCAY Electronics Co., Ltd. 2014 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC60 Series SOCAY Electronics Co., Ltd. www.socay.com Ambient Operation Temperature -40 °C -20 °C 0 °C 25 °C 40 °C 50 °C 60 °C 70 °C 85 °C Part Number Hold Current (A) SC60-005 0.078 0.068 0.06 0.05 0.04 0.036 0.032 0.027 0.02 SC60-010 0.16 0.14 0.12 0.10 0.08 0.072 0.063 0.054 0.04 SC60-017 0.26 0.23 0.20 0.17 0.14 0.12 0.11 0.09 0.07 SC60-020 0.31 0.27 0.24 0.20 0.16 0.14 0.13 0.11 0.08 SC60-025 0.39 0.34 0.30 0.25 0.20 0.18 0.16 0.14 0.10 SC60-030 0.47 0.41 0.36 0.30 0.24 0.22 0.20 0.16 0.12 SC60-040 0.62 0.54 0.48 0.40 0.32 0.29 0.25 0.22 0.16 SC60-050 0.78 0.68 0.60 0.50 0.41 0.36 0.32 0.27 0.20 SC60-065 1.01 0.88 0.77 0.65 0.53 0.47 0.41 0.35 0.26 SC60-075 1.16 1.02 0.89 0.75 0.61 0.54 0.47 0.41 0.30 SC60-090 1.40 1.22 1.07 0.90 0.73 0.65 0.57 0.49 0.36 SC60-110 1.71 1.50 1.31 1.10 0.89 0.79 0.69 0.59 0.44 SC60-135 2.09 1.84 1.61 1.35 1.09 0.97 0.85 0.73 0.54 SC60-160 2.48 2.18 1.90 1.60 1.30 1.15 1.01 0.86 0.64 SC60-185 2.87 2.52 2.20 1.85 1.50 1.33 1.17 1.00 0.74 SC60-200 3.10 2.72 2.38 2.00 1.62 1.44 1.26 1.08 0.80 SC60-250 3.88 3.40 2.98 2.50 2.03 1.80 1.58 1.35 1.00 SC60-300 4.65 4.08 3.57 3.00 2.43 2.16 1.89 1.62 1.20 SC60-375 5.81 5.10 4.46 3.75 3.04 2.70 2.36 2.03 1.50 SC60-500 7.75 6.80 5.95 5.00 4.05 3.60 3.15 2.70 2.00 A=SC60-005 B=SC60-010 C=SC60-017 D=SC60-020 E=SC60-025 F=SC60-030 G=SC60-040 H=SC60-050 I=SC60-065 J=SC60-075 K=SC60-090 L=SC60-110 M=SC60-135 N=SC60-160 O=SC60-185 P=SC60-250 Q=SC60-300 R=SC60-375 Temperature Rerating Chart – I hold (A) Temperature Rerating Curve Average Time Current Curves Current in Amperes 0.1 1 10 100 1000 100 10 1 0.01 0.1 0.001 Temperature ( °C) |