| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC250-080 bảng dữ liệu(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC250-080 bảng dữ liệu(HTML) 4 Page - Socay Electornics Co., Ltd. |
|
4 / 5 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 4 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC250 Series SOCAY Electronics Co., Ltd. www.socay.com Lead Material 0.02-0.04A Tin-plated Copper clad steel 0.05-2.00A Tin-plated Copper Soldering Characteristics Solder ability per MIL-STD-202, Method 208E Insulating Material Cured, flame retardant epoxy polymer meets UL 94V-0 requirements. Device Labeling Marked with ‘SC’, voltage, current rating Figure1 Figure2 Figure3 Figure4 A B C D Lead (dia) Inches mm Inches mm Inches mm Inches mm Part Number Figure Max. Max. Max. Max. Typ. Typ. Max. Max. Inches mm Packaging (Bulk Pack) SC250-020 Figure3 0.236 6.0 0.342 8.7 0.200 5.1 0.181 4.6 0.020 0.5 1000 SC250-030 Figure3 0.236 6.0 0.342 8.7 0.200 5.1 0.181 4.6 0.020 0.5 1000 SC250-040 Figure3 0.236 6.0 0.366 9.3 0.200 5.1 0.181 4.6 0.020 0.5 1000 SC250-050 Figure3 0.236 6.0 0.366 9.3 0.200 5.1 0.181 4.6 0.020 0.5 1000 SC250-060 Figure1 0.236 6.0 0.394 10.0 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-080 Figure3 0.236 6.0 0.394 10.0 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-120C Figure3 0.283 7.2 0.441 11.2 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-120S Figure4 0.256 6.5 0.413 10.5 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-160 Figure3 0.366 9.3 0.504 12.8 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-200C Figure3 0.394 10.0 0.531 13.5 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-200S Figure4 0.366 9.3 0.504 12.8 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-250 Figure4 0.366 9.3 0.504 12.8 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-300 Figure4 0.366 9.3 0.571 14.5 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-330 Figure4 0.366 9.3 0.571 14.5 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-400 Figure2 0.413 10.5 0.650 16.5 0.200 5.1 0.181 4.6 0.031 0.8 1000 SC250-500 Figure2 0.465 11.8 0.689 17.5 0.200 5.1 0.181 4.6 0.031 0.8 500 SC250-550 Figure2 0.465 11.8 0.689 17.5 0.200 5.1 0.181 4.6 0.031 0.8 500 SC250-600 Figure2 0.465 11.8 0.689 17.5 0.200 5.1 0.181 4.6 0.031 0.8 500 SC250-650 Figure2 0.551 14.0 0.720 18.3 0.200 5.1 0.181 4.6 0.031 0.8 500 Dimensions Physical Specifications |