công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC1206ML050M bảng dữ liệu(PDF) 8 Page - Socay Electornics Co., Ltd.

tên linh kiện SC1206ML050M
Giải thích chi tiết về linh kiện  Surface Mount Multilayer Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOCAY [Socay Electornics Co., Ltd.]
Trang chủ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC1206ML050M bảng dữ liệu(HTML) 8 Page - Socay Electornics Co., Ltd.

  SC1206ML050M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 5Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 6Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 7Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 8Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Surface Mount Multilayer Varistor
Revision November 28, 2013
8 / 8
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC0805ML - SC2220ML Series
SOCAY Electronics Co., Ltd.
www.socay.com
Carrier Tape Dimensions
Unit: mm
Carrier tape transparent cover tape should be
heat-sealed to carry the products, and the reel
should be used to reel the carrier tape.
The adhesion of the heat-sealed cover tape
shall be 40+20/-15 grams.
Both the head and the end portion of taping
shall be empty for reel package and SMT
auto-pickup machine. And a normal paper tape
shall be connected in the head of taping for the
operator handle.
Symbol
A0
±0.10
B0
±0.10
K0
±0.10
T
±0.05
T1
±0.05
D0
+0.10
-0.00
D1
±0.05
P1
±0.10
P2
±0.05
P0
±0.050
W
±0.20
E
±0.10
F
±0.05
0805
1.42
2.30
1.04
0.22
0.10
1.50
1.00
4.00
2.00
4.00
8.00
1.75
3.50
1206
1.88
3.50
1.27
0.20
0.10
1.50
1.00
4.00
2.00
4.00
8.00
1.75
3.50
1210
2.18
3.46
1.45
0.22
0.10
1.50
1.00
4.00
2.00
4.00
8.00
1.75
3.50
1812
3.66
4.95
1.74
0.25
0.10
1.50
1.50
8.00
2.00
4.00
12.00
1.75
5.50
2220
5.10
5.97
2.80
0.25
0.10
1.50
1.50
8.00
2.00
4.00
12.00
1.75
5.50
Taping Reel Dimensions
Symbol
A
B
C
D
W
W1
0805
178.0
±1.0 60.0±0.5 13.0±0.2 110.0±0.5 9.0±0.5
1.5
±0.15
1206
178.0
±1.0 60.0±0.5 13.0±0.2 110.0±0.5 9.0±0.5
1.5
±0.15
1210
178.0
±1.0 60.0±0.5 13.0±0.2 110.0±0.5 9.0±0.5
1.5
±0.15
1812
178.0
±1.0 60.0±0.5 13.0±0.2 110.0±0.5 13.6±0.5 1.5±0.15
2220
178.0
±1.0 60.0±0.5 13.0±0.2 110.0±0.5 13.6±0.5 1.5±0.15
Unit: mm
Taping Specifications
There Shall be the portion having no product in both the head and
the end of taping, and there shall be the cover tape in the heat of
taping.
Quantity of products in the taping package
SIZE EIA (EIAJ)
0805 (2012)
1206 (3216)
1210 (3225)
1812 (4532)
2220 (5750)
Standard Packing Quantity
(PCS / reel)
3,000
3,000
2,000
1,000
1,000
The contents of a box :
0805 Series: 6 reels / inner box
1206 Series: 6 reels / inner box
1210 Series: 6 reels / inner box
1812 Series: 6 reels / inner box
2220 Series: 6 reels / inner box
Label and Marking:
The paper label shall be plastered on the obvious side of the reel,
and the information show as right side
Packaging Information
Carrier Tape
Cover Tape



Html Pages

1 2 3 4 5 6 7 8