| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC250-080 bảng dữ liệu(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC250-080 bảng dữ liệu(HTML) 4 Page - Socay Electornics Co., Ltd. |
|
4 / 4 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 4 / 4 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC250 Series SOCAY Electronics Co., Ltd. www.socay.com Figure1 Figure2 A B C D Lead (dia) Inches mm Inches mm Inches mm Inches mm Part Number Figure Max. Max. Max. Max. Typ. Typ. Max. Max. Inches Mm Packaging (Bulk Pack) SC250-080 Figure1 0.236 6.0 0.394 10.0 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-090 Figure1 0.236 6.0 0.394 10.0 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-110 Figure2 0.256 6.5 0.413 10.5 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-120 Figure2 0.256 6.5 0.413 10.5 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-120T Figure2 0.256 6.5 0.413 10.5 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-145 Figure2 0.276 7.0 0.433 11.0 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-145T Figure2 0.276 7.0 0.433 11.0 0.200 5.1 0.181 4.6 0.024 0.6 1000 SC250-180C Figure1 0.374 9.5 0.531 13.5 0.200 5.1 0.150 3.8 0.024 0.6 1000 SC250-180S Figure2 0.346 8.8 0.504 12.8 0.200 5.1 0.150 3.8 0.024 0.6 1000 u This product should not be used in an application where the maximum interrupt voltage or maximum interrupt current in a fault condition, Operation beyond the maximum rating or improper use may result in device damage and possible electrical arcing and flame. u A PPTC device is not a fuse, It is a nonlinear thermistor that limits current, Because under a fault condition all PPTC devices go into a high resistance state but not open circuit hazardous voltage may be present at PPTC. u The devices are intended for protection against occasional over-current or over-temperature fault conditions and should not be used when repeated fault conditions or prolonged trip events. u In most application, power must be removed and the fault condition cleared in order to reset a PPTC device. u PPTC devices are not recommended to be installed in applications where the device is constrained such that its PPTC properties are inhibited, for example in rigid potting materials or Add devices surface coating, Bundled devices ontology, which lack adequate clearance to accommodate device expansion. u Contamination on of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices. For example, Organic solvents to cleaning. Dimensions Warning |