| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1934026-1 bảng dữ liệu(PDF) 9 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1934026-1 bảng dữ liệu(HTML) 9 Page - Tyco Electronics |
|
9 / 32 page ![]() 9 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued) Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. AdvancedTCA Zone 2 Z-PACK HM-Zd High Speed Signal Connectors (Continued) 4 Pair Vertical Pin Header Assemblies Ref. Typ. Ref. Typ. Ref. Typ. Ref. Typ. A All Plated Thru Holes 2.50 [.098] 2.95 ± 0.05 [.116 ± .002] 6.35 [.250] Ref. 13.40 ± 0.08 [.528 ± .003] 5.675 [.223] 23.43 [.922] 2.50 [.098] Max. 1.50 [.059] Ref. Ref. Ref. 0.75 [.030] Typ. 1.50 [.059] Typ. 2.50 [.098] 9 x 2.50 [.098] = 22.50 [.886] 1.50 [.059] 3.00 [.118] Recommended PC Board Layout Backplane Component Side Shown PCB Hole Dim. Drilled Hole = 0.7000 ± 0.025 [.02756 ± .0010] Finished Hole = 0.60 ± 0.05 [.024 ± .002] Cu Thickness = 0.375 ± 0.0125 [.0148 ± .00049] SnPb Thickness = 0.007 ± 0.003 [.0003 ± .0001] 1 1 + 0.08 – 0.20 + .003 – .008 19.65 [.774 ] Note: For finishes other than tin-lead, reference Application Specification 114-13059. Application Tooling Part Tail Mating Column Module Signals Grounds Insertion Repair Number Length Pin Count Length Pin Pin Housing Pin Length (Dim. A) Header Removal Removal Insertion 1 6469002-11 2.50 5.30 10 25.00 80 40 91349-1 1583237-1 1583220-1 1583255-1 .098 .209 .984 2 6469046-12 2.50 5.30 10 25.00 80 40 91349-1 1583237-1 1583220-1 1583255-1 .098 .209 .984 6469074-1 1.80 5.30 10 25.00 80 40 91349-1 1583237-1 1583220-1 1583255-1 .071 .209 .984 6469287-1 2.50 5.30 12 30.00 96 48 91349-3 1583237-1 1583220-1 1583255-1 .098 .209 1.181 6469296-1 2.50 5.30 15 37.50 120 60 91349-2 1583237-1 1583220-1 1583255-1 .098 .209 1.476 6469062-1 2.50 5.30 20 50.00 160 80 91349-4 1583237-1 1583220-1 1583255-1 .098 .209 1.969 6469099-1 1.80 5.30 20 50.00 160 80 91349-4 1583237-1 1583220-1 1583255-1 .071 .209 1.969 1 AdvancedTCA Zone 2 Backplane Connector. 2 Shallow Wall for Daughtercards thicker than 3.50 [.138]. Note: Part Numbers are RoHS compliant. |