| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1888654-2 bảng dữ liệu(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1888654-2 bảng dữ liệu(HTML) 5 Page - Tyco Electronics |
|
5 / 32 page ![]() 5 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Tyco Electronics' AdvancedTCA Power Con- nector is designed to meet or exceed the PICMG 3.0, R2.0 (AdvancedTCA) specifica- tion for Zone 1 connector requirements including four levels of sequential mating to provide proper system functionality during live insertion or extraction of front boards. Integrated lead-in on the injection molded housing provides superior blind mate capability and is fully intermateable with competing connectors designed to meet the AdvancedTCA specification for power con- nectors. www.tycoelectronics.com/products/atca www.elconproducts.com Catalog 1773096 / 1773095 Flyer 2-1773441-7 AdvancedTCA — Zone 1 Power Connectors FEATURES: • High conductivity, precision formed contacts • Selective plating in compliance with RoHS requirements • Precision formed compliant terminations offer excellent reten- tion to provide a reliable connection • Qualified to meet PICMG 3.0, R2.0 specification AdvancedTCA Zone 1 Connector Front Board Connector Right Angle Header Part Number 1766500-1 Backplane Connector Vertical Receptacle Part Number 1766501-1 Backplane Connector Daughtercard Connector Note: Part Numbers are RoHS compliant. |